Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2981IM5X-3.6 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2981IM5X-3.6
Description  Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981IM5X-3.6 Datasheet(HTML) 3 Page - Texas Instruments

  LP2981IM5X-3.6 Datasheet HTML 1Page - Texas Instruments LP2981IM5X-3.6 Datasheet HTML 2Page - Texas Instruments LP2981IM5X-3.6 Datasheet HTML 3Page - Texas Instruments LP2981IM5X-3.6 Datasheet HTML 4Page - Texas Instruments LP2981IM5X-3.6 Datasheet HTML 5Page - Texas Instruments LP2981IM5X-3.6 Datasheet HTML 6Page - Texas Instruments LP2981IM5X-3.6 Datasheet HTML 7Page - Texas Instruments LP2981IM5X-3.6 Datasheet HTML 8Page - Texas Instruments LP2981IM5X-3.6 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LP2981-N
www.ti.com
SNOS773K – MARCH 2000 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for TJ = 25°C, and limits in boldface type applyover the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, CIN = 1 μF, IL = 1 mA, COUT = 4.7 μF,VON/OFF = 2V.
Symbol
Parameter
Conditions
Typ
LP2981AI-XX(1)
LP2981I-XX(1)
Units
Min
Max
Min
Max
ΔVO
Output Voltage Tolerance
IL = 1mA
−0.75
0.75
−1.25
1.25
1 mA < IL < 100 mA
−1.0
1.0
−2.0
2.0
%VNOM
−2.5
2.5
−3.5
3.5
Output Voltage
VO(NOM) + 1V
0.007
0.014
0.014
%/V
Line Regulation
≤ VIN ≤ 16V
0.032
0.032
VIN–VO
Dropout Voltage(2)
IL = 0
1
3
3
mV
5
5
IL = 1 mA
7
10
10
15
15
IL = 25 mA
70
100
100
150
150
IL = 100 mA
200
250
250
375
375
IGND
Ground Pin Current
IL = 0
65
95
95
μA
125
125
IL = 1 mA
80
110
110
170
170
IL = 25 mA
200
300
300
550
550
IL = 100 mA
600
800
800
1500
1500
VON/OFF < 0.3V
0.01
0.8
0.8
VON/OFF < 0.15V
0.05
2
2
VON/OFF
ON/OFF Input Voltage(3)
High = O/P ON
1.4
1.6
1.6
V
Low = O/P OFF
0.50
0.15
0.15
ION/OFF
ON/OFF Input Current
VON/OFF = 0
0.01
−1
−1
μA
VON/OFF = 5V
5
15
15
IO(PK)
Peak Output Current
VOUT ≥ VO(NOM) − 5%
400
150
150
mA
en
Output Noise
BW = 300 Hz–50 kHz,
160
μV
Voltage (RMS)
COUT = 10 μF
Ripple Rejection
f = 1 kHz
63
dB
COUT = 10 μF
IO(MAX)
Short Circuit Current
RL = 0 (Steady State)
(4)
150
mA
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods. The limits are used to calculate TI's Average Outgoing Quality Level (AOQL).
(2)
Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a
1V differential.
(3)
The ON/OFF inputs must be properly driven to prevent misoperation. For details, refer to APPLICATION HINTS.
(4)
See TYPICAL PERFORMANCE CHARACTERISTICS curve(s).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2981-N


Similar Part No. - LP2981IM5X-3.6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2981IM5X-3.6 NSC-LP2981IM5X-3.6 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
logo
Texas Instruments
LP2981IM5X-3.6 TI1-LP2981IM5X-3.6 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5X-3.6 TI-LP2981IM5X-3.6 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5X-3.6 TI1-LP2981IM5X-3.6 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5X-3.6 TI1-LP2981IM5X-3.6 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 100-mA Ultralow Dropout Regulator
More results

Similar Description - LP2981IM5X-3.6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981AIM5-33 TI1-LP2981AIM5-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-3.3 TI-LP2981IM5-3.3 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981-N_15 TI-LP2981-N_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   LP2981-N Micropower 100-mA Ultra-Low Dropout Regulator in SOT-23 Package
LP2981AIM5X-33 TI1-LP2981AIM5X-33 Datasheet
1Mb / 24P
[Old version datasheet]   LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2982 TI-LP2982_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2982 Micropower 50 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N_15 TI-LP2980-N_15_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP2980-N Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com