Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT18132468636R Datasheet(PDF) 8 Page - Coilcraft lnc.

Part # MKT18132468636R
Description  DC Film Capacitor MKT Axial Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MKT18132468636R Datasheet(HTML) 8 Page - Coilcraft lnc.

Back Button MKT18132468636R Datasheet HTML 4Page - Coilcraft lnc. MKT18132468636R Datasheet HTML 5Page - Coilcraft lnc. MKT18132468636R Datasheet HTML 6Page - Coilcraft lnc. MKT18132468636R Datasheet HTML 7Page - Coilcraft lnc. MKT18132468636R Datasheet HTML 8Page - Coilcraft lnc. MKT18132468636R Datasheet HTML 9Page - Coilcraft lnc. MKT18132468636R Datasheet HTML 10Page - Coilcraft lnc. MKT18132468636R Datasheet HTML 11Page - Coilcraft lnc. MKT18132468636R Datasheet HTML 12Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MKT 1813
Vishay Roederstein
DC Film Capacitor
MKT Axial Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 26013
24
Revision: 08-Dec-08
POWER DISSIPATION AND MAXIMUM COMPONENT TEMPERATURE RISE
The power dissipation must be limited in order not to exceed the maximum allowed component temperature rise as a function of
the free ambient temperature.
The power dissipation can be calculated according type detail specification “HQN-384-01/101: Technical Information Film
Capacitors”.
The component temperature rise (
ΔT) can be measured (see section “Measuring the component temperature” for more details)
or calculated by
ΔT = P/G:
•ΔT = Component temperature rise (°C)
• P = Power dissipation of the component (mW)
• G = Heat conductivity of the component (mW/°C)
MEASURING THE COMPONENT TEMPERATURE
A thermocouple must be attached to the capacitor body as in:
The temperature is measured in unloaded (Tamb) and maximum loaded condition (TC).
The temperature rise is given by
ΔT = T
C - Tamb.
To avoid radiation or convection, the capacitor should be tested in a wind-free box.
APPLICATION NOTE AND LIMITING CONDITIONS
These capacitors are not suitable for mains applications as across-the-line capacitors without additional protection, as described
hereunder. These mains applications are strictly regulated in safety standards and therefore electromagnetic interference
suppression capacitors conforming the standards must be used.
To select the capacitor for a certain application, the following conditions must be checked:
1. The peak voltage (UP) shall not be greater than the rated DC voltage (URdc)
2. The peak-to-peak voltage (UP-P) shall not be greater than 22 x URac to avoid the ionisation inception level
3. The voltage peak slope (dU/dt) shall not exceed the rated voltage pulse slope in an RC-circuit at rated voltage and without
ringing. If the pulse voltage is lower than the rated DC voltage, the rated voltage pulse slope may be multiplied by URdc and
divided by the applied voltage.
For all other pulses following equation must be fulfilled:
T is the pulse duration
The rated voltage pulse slope is valid for ambient temperatures up to 85 °C. For higher temperatures a derating factor of 3 %
per K shall be applied.
4. The maximum component surface temperature rise must be lower than the limits (see figure max. allowed component
temperature rise).
Thermocouple
2
dU
dt
--------
⎝⎠
⎛⎞
2
0
T
dt
U
Rdc
dU
dt
--------
⎝⎠
⎛⎞
rated
×
<
×
×


Similar Part No. - MKT18132468636R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813 VISHAY-MKT1813 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813 VISHAY-MKT1813 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
More results

Similar Description - MKT18132468636R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813610065 VISHAY-MKT1813610065 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
MKT1813 VISHAY-MKT1813_08 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT467 VISHAY-MKT467_08 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
Revision: 23-Oct-08
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT370 VISHAY-MKT370_09 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com