Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AC11004 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AC11004
Description  Flow-Through Architecture Optimizes PCB Layout
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AC11004 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AC11004 Datasheet HTML 1Page - Texas Instruments SN74AC11004 Datasheet HTML 2Page - Texas Instruments SN74AC11004 Datasheet HTML 3Page - Texas Instruments SN74AC11004 Datasheet HTML 4Page - Texas Instruments SN74AC11004 Datasheet HTML 5Page - Texas Instruments SN74AC11004 Datasheet HTML 6Page - Texas Instruments SN74AC11004 Datasheet HTML 7Page - Texas Instruments SN74AC11004 Datasheet HTML 8Page - Texas Instruments SN74AC11004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
74AC11004DBLE
OBSOLETE
SSOP
DB
20
TBD
Call TI
Call TI
-40 to 85
74AC11004DW
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC11004
74AC11004DWE4
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC11004
74AC11004DWG4
ACTIVE
SOIC
DW
20
25
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC11004
74AC11004DWR
ACTIVE
SOIC
DW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC11004
74AC11004DWRE4
ACTIVE
SOIC
DW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC11004
74AC11004DWRG4
ACTIVE
SOIC
DW
20
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-40 to 85
AC11004
74AC11004N
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-40 to 85
74AC11004N
74AC11004NE4
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-40 to 85
74AC11004N
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.


Similar Part No. - SN74AC11004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC11008D TI-SN74AC11008D Datasheet
644Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74AC11004

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SSTE32882KB1 IDT-SSTE32882KB1 Datasheet
1Mb / 75P
   Pinout optimizes DDR3 RDIMM PCB layout
SSTE32882HLB IDT-SSTE32882HLB Datasheet
1Mb / 73P
   Pinout optimizes DDR3 RDIMM PCB layout
SSTE32882KA1 IDT-SSTE32882KA1 Datasheet
1Mb / 75P
   Pinout optimizes DDR3 RDIMM PCB layout
logo
Infineon Technologies A...
ESD102-U4-05L INFINEON-ESD102-U4-05L Datasheet
1Mb / 19P
   Ultra-Low Capacitance ESD Protection Array for Flow-Through PCB Layout
Revision 1.0, 2013-02-25
logo
Cypress Semiconductor
CY7C1353B CYPRESS-CY7C1353B Datasheet
535Kb / 15P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1353 CYPRESS-CY7C1353 Datasheet
162Kb / 13P
   256Kx18 Flow-Through SRAM with NoBL Architecture
CY7C1351 CYPRESS-CY7C1351 Datasheet
185Kb / 13P
   128Kx36 Flow-Through SRAM with NoBL TM Architecture
logo
Rosenberger Hochfrequen...
MB-522 ROSENBERGER-MB-522 Datasheet
172Kb / 2P
   Leiterplatten-Layout PCB Layout
21.08.2019
logo
Semtech Corporation
RCLAMP3624T SEMTECH-RCLAMP3624T Datasheet
144Kb / 9P
   ESD Protection for uUSB Interfaces Flow-Through design for easy layout
logo
Cypress Semiconductor
CY7C1379B CYPRESS-CY7C1379B Datasheet
465Kb / 15P
   9-Mbit (256K x 32) Flow-through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com