Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP3G14 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP3G14
Description  LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP3G14 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUP3G14 Datasheet HTML 1Page - Texas Instruments SN74AUP3G14 Datasheet HTML 2Page - Texas Instruments SN74AUP3G14 Datasheet HTML 3Page - Texas Instruments SN74AUP3G14 Datasheet HTML 4Page - Texas Instruments SN74AUP3G14 Datasheet HTML 5Page - Texas Instruments SN74AUP3G14 Datasheet HTML 6Page - Texas Instruments SN74AUP3G14 Datasheet HTML 7Page - Texas Instruments SN74AUP3G14 Datasheet HTML 8Page - Texas Instruments SN74AUP3G14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SN74AUP3G14
www.ti.com
SCES764D – SEPTEMBER 2009 – REVISED AUGUST 2012
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
0.8 V
0.3
0.6
0.3
0.6
1.1 V
0.53
0.9
0.53
0.9
VT+
1.4 V
0.74
1.11
0.74
1.11
Positive-going
V
input threshold
1.65 V
0.91
1.29
0.91
1.29
voltage
2.3 V
1.37
1.77
1.37
1.77
3 V
1.88
2.29
1.88
2.29
0.8 V
0.1
0.6
0.1
0.6
1.1 V
0.26
0.65
0.26
0.65
VT–
1.4 V
0.39
0.75
0.39
0.75
Negative-going
V
input threshold
1.65 V
0.47
0.84
0.47
0.84
voltage
2.3 V
0.69
1.04
0.69
1.04
3 V
0.88
1.24
0.88
1.24
0.8 V
0.07
0.5
0.07
0.5
1.1 V
0.08
0.46
0.08
0.46
ΔVT
1.4 V
0.18
0.56
0.18
0.56
Hysteresis
V
1.65 V
0.27
0.66
0.27
0.66
(VT+ – VT–)
2.3 V
0.53
0.92
0.53
0.92
3 V
0.79
1.31
0.79
1.31
IOH = –20 μA
0.8 V to 3.6 V
VCC – 0.1
VCC – 0.1
IOH = –1.1 mA
1.1 V
0.75 × VCC
0.7 × VCC
IOH = –1.7 mA
1.4 V
1.11
1.03
IOH = –1.9 mA
1.65 V
1.32
1.3
VOH
V
IOH = –2.3 mA
2.05
1.97
2.3 V
IOH = –3.1 mA
1.9
1.85
IOH = –2.7 mA
2.72
2.67
3 V
IOH = –4 mA
2.6
2.55
IOL = 20 μA
0.8 V to 3.6 V
0.1
0.1
IOL = 1.1 mA
1.1 V
0.3 × VCC
0.3 × VCC
IOL = 1.7 mA
1.4 V
0.31
0.37
IOL = 1.9 mA
1.65 V
0.31
0.35
VOL
V
IOL = 2.3 mA
0.31
0.33
2.3 V
IOL = 3.1 mA
0.44
0.45
IOL = 2.7 mA
0.31
0.33
3 V
IOL = 4 mA
0.44
0.45
II
A or B input VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
μA
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
μA
ΔIoff
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
0.6
μA
VI = GND or
ICC
(VCC to 3.6 V),
0.8 V to 3.6 V
0.5
0.9
μA
IO = 0
VI = VCC – 0.6 V
(1),
ΔICC
3.3 V
40
50
μA
IO = 0
0 V
1.5
Ci
VI = VCC or GND
pF
3.6 V
1.5
Co
VO = GND
0 V
3
pF
(1)
One input at VCC – 0.6 V, other input at VCC or GND
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74AUP3G14


Similar Part No. - SN74AUP3G14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP3G17 TI-SN74AUP3G17 Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
SN74AUP3G17DCUR TI-SN74AUP3G17DCUR Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
SN74AUP3G17DQER TI-SN74AUP3G17DQER Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
SN74AUP3G17RSER TI-SN74AUP3G17RSER Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
SN74AUP3G17YFPR TI-SN74AUP3G17YFPR Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
More results

Similar Description - SN74AUP3G14

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP3G14 NEXPERIA-74AUP3G14 Datasheet
835Kb / 21P
   Low-power triple Schmitt trigger inverter
logo
ON Semiconductor
NLU3G14 ONSEMI-NLU3G14_16 Datasheet
80Kb / 8P
   Triple Schmitt-Trigger Inverter
July, 2016 ??Rev. 4
NLX3G14 ONSEMI-NLX3G14 Datasheet
122Kb / 8P
   Triple Schmitt-Trigger Inverter
November, 2008 ??Rev. 0
NL37WZ14 ONSEMI-NL37WZ14_12 Datasheet
112Kb / 5P
   Triple Schmitt-Trigger Inverter
April, 2012 ??Rev. 8
logo
Diodes Incorporated
74LVC3G14 DIODES-74LVC3G14 Datasheet
575Kb / 9P
   TRIPLE SCHMITT-TRIGGER INVERTER
November 2022 Rev. 2 - 2
logo
Texas Instruments
SN74LVC3G14 TI-SN74LVC3G14 Datasheet
329Kb / 13P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL37WZ14 ONSEMI-NL37WZ14_V01 Datasheet
150Kb / 11P
   Triple Schmitt-Trigger Inverter
April, 2022 - Rev. 12
NL37WZ14 ONSEMI-NL37WZ14 Datasheet
65Kb / 6P
   Triple Schmitt-Trigger Inverter
March, 2004 ??Rev. 3
logo
Texas Instruments
SN74LVC3G14 TI1-SN74LVC3G14_16 Datasheet
863Kb / 17P
[Old version datasheet]   Triple Schmitt-Trigger Inverter
logo
ON Semiconductor
NLX3G14 ONSEMI-NLX3G14_16 Datasheet
76Kb / 8P
   Triple Schmitt-Trigger Inverter
July, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com