Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT18135468636R Datasheet(PDF) 6 Page - Coilcraft lnc.

Part # MKT18135468636R
Description  DC Film Capacitor MKT Axial Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MKT18135468636R Datasheet(HTML) 6 Page - Coilcraft lnc.

Back Button MKT18135468636R Datasheet HTML 2Page - Coilcraft lnc. MKT18135468636R Datasheet HTML 3Page - Coilcraft lnc. MKT18135468636R Datasheet HTML 4Page - Coilcraft lnc. MKT18135468636R Datasheet HTML 5Page - Coilcraft lnc. MKT18135468636R Datasheet HTML 6Page - Coilcraft lnc. MKT18135468636R Datasheet HTML 7Page - Coilcraft lnc. MKT18135468636R Datasheet HTML 8Page - Coilcraft lnc. MKT18135468636R Datasheet HTML 9Page - Coilcraft lnc. MKT18135468636R Datasheet HTML 10Page - Coilcraft lnc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MKT 1813
Vishay Roederstein
DC Film Capacitor
MKT Axial Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 26013
22
Revision: 08-Dec-08
Nominal voltage (AC and DC) as a function of temperature
U = f(TA), TLL ≤ TA ≤ TUL
Capacitance as a function of temperature
ΔC/C = f(T
A), TLL ≤ TA ≤ TUL
Capacitance as function of frequency
ΔC/C = f(f), 100 Hz ≤ f ≤ 1 MHz
Dissipation factor as function of temperature
Δtan δ/tan δ = f(T
A), TLL ≤ TA ≤ TUL
Insulation resistance as a function of temperature
Ris = f(TA), TLL ≤ TA ≤ TUL
Dissipation factor as a function of frequency
Δtan δ/tan δ = f(f), 100 Hz ≤ f ≤ 1 MHz
L
1.2
1.0
0.8
0.6
0.4
0.2
0.0
- 60
- 20
20
60
100
T
amb (°C)
12
10
8
6
4
2
0
- 2
- 4
- 6
- 8
- 60
- 40
- 20
0
20
40
60
80
100
120
140
T
amb (°C)
Capacitance vs. Temperature
ΔC/C = f (ϑ)
ΔC
C
= f (f)
2
1
0
- 1
- 2
- 3
- 5
- 4
- 6
f (Hz)
Capacitance Change vs. Frequency
10
2
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5
12
10
8
6
4
2
0
T
amb (°C)
- 60
- 40
- 20
0
20
40
60
80
100
120
140
16
14
Dissipation Factor (1 kHz) vs. Temperature tan
δ = f (ϑ)
T
amb (°C)
10
5
10
3
10
2
10
1
10
0
10
4
20
40
60
80
100
125
100
7
5
3
2
10
7
5
3
2
1
7
5
3
2
0.1
f (Hz)
Dissipation Factor vs. Frequency tan
δ = f (f)
102
2
3
5 7 10
3
2
3
5 7 10
4
2
3
5 7 10
5


Similar Part No. - MKT18135468636R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813 VISHAY-MKT1813 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813 VISHAY-MKT1813 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
53Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT1813-422-014 VISHAY-MKT1813-422-014 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
More results

Similar Description - MKT18135468636R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1813610065 VISHAY-MKT1813610065 Datasheet
147Kb / 15P
   DC Film Capacitors MKT Axial Type
Revision: 04-Jul-13
MKT1813 VISHAY-MKT1813_08 Datasheet
132Kb / 13P
   Metallized Polyester Film Capacitor MKT Axial Type
Revision: 06-Oct-08
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT467 VISHAY-MKT467_08 Datasheet
235Kb / 27P
   DC Film Capacitor MKT Radial Lacquered Type
Revision: 23-Oct-08
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT370 VISHAY-MKT370_09 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com