Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9617A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9617A
Description  LEVEL-TRANSLATING FM I2C BUS REPEATER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9617A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCA9617A Datasheet HTML 4Page - Texas Instruments TCA9617A Datasheet HTML 5Page - Texas Instruments TCA9617A Datasheet HTML 6Page - Texas Instruments TCA9617A Datasheet HTML 7Page - Texas Instruments TCA9617A Datasheet HTML 8Page - Texas Instruments TCA9617A Datasheet HTML 9Page - Texas Instruments TCA9617A Datasheet HTML 10Page - Texas Instruments TCA9617A Datasheet HTML 11Page - Texas Instruments TCA9617A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
1
2
1
2
TCA9617A
SCPS244 – JUNE 2013
www.ti.com
B-side Pedestal
Figure 5 depicts the pedestal on the B side of the device. At point 1 in Figure 5 the slave device is driving the B-
side low. As the slave releases and the B-side rises, it will only be allowed to rise to 0.5 V until the A-side rises
above 0.3VCCA. This effect is called the pedestal. Once this threshold is crossed the B-side will continue to rise to
VCCB.
Due to nature of the B-side pedestal and the static offset voltage, there will be a slight overshoot (point 2) as the
B-side rises from the VOL of the B-side driver to the 0.5 V offset. The TCA9617A is designed to control this
behavior provided the system is designed with RCs greater than 20 ns. Note that care should be taken to limit
the pull-up strength when devices with rise time accelerators are present on the B side. Excessive overshoot on
the B-side pedestal may cause devices with rise time accelerators to trip prematurely if the accelerator
thresholds are below 0.3 VCCB.
Figure 5. B-side Pedestal
B-side Inverted Pedestal
To decrease the propagation delay of the TCA9617A, an inverted pedestal (Figure 6) is used on the B side of the
device. When the A side of the Bus drives to 0.7 VCCA the B side driver will turn on. This will drive the B-side to 0
V for a short period (point 1) and then the B-side will rise to the static offset voltage of 0.5 V (point 2). This
design allows the B-side to drive to logic low much faster than simply driving to the static offset as driving to the
static offset voltage requires that the fall time be slowed to prevent ringing.
Figure 6. B-side Inverted Pedestal
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TCA9617A


Similar Part No. - TCA9617A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9617B TI1-TCA9617B Datasheet
912Kb / 24P
[Old version datasheet]   Level-Translating FM I2C Bus Repeater
TCA9617BDGKR TI1-TCA9617BDGKR Datasheet
912Kb / 24P
[Old version datasheet]   Level-Translating FM I2C Bus Repeater
More results

Similar Description - TCA9617A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9617B TI1-TCA9617B Datasheet
912Kb / 24P
[Old version datasheet]   Level-Translating FM I2C Bus Repeater
logo
NXP Semiconductors
PCA9617A NXP-PCA9617A Datasheet
1Mb / 24P
   Level translating Fm I2C-bus repeater
Rev. 1-20 March 2013
logo
Unisonic Technologies
UCA9617 UTC-UCA9617 Datasheet
288Kb / 8P
   LEVEL TRANSLATING FM I2C-BUS REPEATER
logo
ON Semiconductor
PCA9617A ONSEMI-PCA9617A Datasheet
157Kb / 15P
   Level-Translating Fm I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com