Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F67761IPEUR Datasheet(PDF) 11 Page - Texas Instruments

Part # MSP430F67761IPEUR
Description  POLYPHASE METERING SoCs
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F67761IPEUR Datasheet(HTML) 11 Page - Texas Instruments

Back Button MSP430F67761IPEUR Datasheet HTML 7Page - Texas Instruments MSP430F67761IPEUR Datasheet HTML 8Page - Texas Instruments MSP430F67761IPEUR Datasheet HTML 9Page - Texas Instruments MSP430F67761IPEUR Datasheet HTML 10Page - Texas Instruments MSP430F67761IPEUR Datasheet HTML 11Page - Texas Instruments MSP430F67761IPEUR Datasheet HTML 12Page - Texas Instruments MSP430F67761IPEUR Datasheet HTML 13Page - Texas Instruments MSP430F67761IPEUR Datasheet HTML 14Page - Texas Instruments MSP430F67761IPEUR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 156 page
background image
MSP430F677x1
MSP430F676x1
MSP430F674x1
www.ti.com
SLAS815B – NOVEMBER 2012 – REVISED APRIL 2013
Table 5. Terminal Functions – PEU Package
TERMINAL
NO.
I/O(1)
DESCRIPTION
NAME
PEU
XIN
1
I/O
Input terminal for crystal oscillator
XOUT
2
I/O
Output terminal for crystal oscillator
AUXVCC3
3
Auxiliary power supply AUXVCC3 for back up subsystem
RTCCAP1
4
I
External time capture pin 1 for RTC_C
RTCCAP0
5
I
External time capture pin 0 for RTC_C
General-purpose digital I/O with port interrupt
SMCLK clock output
P1.5/SMCLK/CB0/A5
6
I/O
Comparator_B input CB0
Analog input A5 - 10-bit ADC
General-purpose digital I/O with port interrupt
MCLK clock output
P1.4/MCLK/CB1/A4
7
I/O
Comparator_B input CB1
Analog input A4 - 10-bit ADC
General-purpose digital I/O with port interrupt
P1.3/ADC10CLK/A3
8
I/O
ADC10_A clock output
Analog input A3 - 10-bit ADC
General-purpose digital I/O with port interrupt
P1.2/ACLK/A2
9
I/O
ACLK clock output
Analog input A2 - 10-bit ADC
General-purpose digital I/O with port interrupt
Timer TA2 CCR1 capture: CCI1A input, compare: Out1 output
P1.1/TA2.1/VeREF+/A1
10
I/O
Positive terminal for the ADC's reference voltage for an external applied reference voltage
Analog input A1 - 10-bit ADC
General-purpose digital I/O with port interrupt
Timer TA1 CCR1 capture: CCI1A input, compare: Out1 output
P1.0/TA1.1/VeREF-/A0
11
I/O
Negative terminal for the ADC's reference voltage for an external applied reference voltage
Analog input A0 - 10-bit ADC
General-purpose digital I/O with port interrupt and mappable secondary function
P2.4/PM_TA2.0
12
I/O
Default mapping: Timer TA2 capture CCR0: CCI0A input, compare: Out0 output
General-purpose digital I/O with port interrupt and mappable secondary function
P2.5/PM_UCB0SOMI/
13
I/O
Default mapping: eUSCI_B0 SPI slave out master in
PM_UCB0SCL
Default mapping: eUSCI_B0 I2C clock
General-purpose digital I/O with port interrupt and mappable secondary function
P2.6/PM_UCB0SIMO/
14
I/O
Default mapping: eUSCI_B0 SPI slave in master out
PM_UCB0SDA
Default mapping: eUSCI_B0 I2C data
General-purpose digital I/O with port interrupt and mappable secondary function
P2.7/PM_UCB0CLK
15
I/O
Default mapping: eUSCI_B0 clock input/output
General-purpose digital I/O with mappable secondary function
P3.0/PM_UCA0RXD/
16
I/O
Default mapping: eUSCI_A0 UART receive data
PM_UCA0SOMI
Default mapping: eUSCI_A0 SPI slave out master in
General-purpose digital I/O with mappable secondary function
P3.1/PM_UCA0TXD/
17
I/O
Default mapping: eUSCI_A0 UART transmit data
PM_UCA0SIMO
Default mapping: eUSCI_A0 SPI slave in master out
(1)
I = input, O = output
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - MSP430F67761IPEUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F67761IPEUR TI1-MSP430F67761IPEUR Datasheet
1Mb / 162P
[Old version datasheet]   Polyphase Metering SoCs
More results

Similar Description - MSP430F67761IPEUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F677X1 TI1-MSP430F677X1 Datasheet
1Mb / 163P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F677X TI1-MSP430F677X_16 Datasheet
1Mb / 162P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F67791A TI1-MSP430F67791A Datasheet
2Mb / 176P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F6779A TI1-MSP430F6779A Datasheet
2Mb / 176P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F677X1 TI1-MSP430F677X1_16 Datasheet
1Mb / 162P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F67641A TI1-MSP430F67641A Datasheet
1Mb / 147P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F677X TI1-MSP430F677X_14 Datasheet
1Mb / 163P
[Old version datasheet]   Polyphase Metering SoCs
MSP430F6776IPEU TI-MSP430F6776IPEU Datasheet
1Mb / 157P
[Old version datasheet]   POLYPHASE METERING SoCs
logo
Analog Devices
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
   Polyphase Multifunction Energy Metering IC
REV. A
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
   Polyphase Energy Metering IC with Pulse Output
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com