Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2543QRTETQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2543QRTETQ1
Description  USB Charging Port Controller and Power Switch with Load Detection
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2543QRTETQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2543QRTETQ1 Datasheet HTML 5Page - Texas Instruments TPS2543QRTETQ1 Datasheet HTML 6Page - Texas Instruments TPS2543QRTETQ1 Datasheet HTML 7Page - Texas Instruments TPS2543QRTETQ1 Datasheet HTML 8Page - Texas Instruments TPS2543QRTETQ1 Datasheet HTML 9Page - Texas Instruments TPS2543QRTETQ1 Datasheet HTML 10Page - Texas Instruments TPS2543QRTETQ1 Datasheet HTML 11Page - Texas Instruments TPS2543QRTETQ1 Datasheet HTML 12Page - Texas Instruments TPS2543QRTETQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
160
170
180
190
200
210
220
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VIN = 4.5 V
VIN = 5 V
VIN = 5.5 V
Device configured for CDP
G007
180
190
200
210
220
230
240
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VIN = 4.5 V
VIN = 5 V
VIN = 5.5 V
Device configured for DCP AUTO
G008
0
0.2
0.4
0.6
0.8
1
1.2
−40
−20
0
20
40
60
80
100
Junction Temperature (°C)
VIN = 5.5 V
G005
130
140
150
160
170
180
190
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VIN = 4.5 V
VIN = 5 V
VIN = 5.5 V
Device configured for SDP
VILIMSEL = 0 V
G006
TPS2543-Q1
www.ti.com
SLVSBW2 – MARCH 2013
TYPICAL CHARACTERISTICS (continued)
DISABLED IN SUPPLY CURRENT
ENABLED IN SUPPLY CURRENT - SDP
vs
vs
TEMPERATURE
TEMPERATURE
Figure 5.
Figure 6.
ENABLED IN SUPPLY CURRENT - CDP
ENABLED IN SUPPLY CURRENT - DCP AUTO
vs
vs
TEMPERATURE
TEMPERATURE
Figure 7.
Figure 8.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS2543-Q1


Similar Part No. - TPS2543QRTETQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543RTER TI1-TPS2543RTER Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543RTET TI1-TPS2543RTET Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
More results

Similar Description - TPS2543QRTETQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
   USB Charging Port Controller and Load Detection Power Switch
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
   USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546J DIODES-PI5USB2546J Datasheet
1Mb / 31P
   USB Charging Port Controller and Load Detection Power Switch
November 2020 Rev 1-2
PI5USB2546 DIODES-PI5USB2546 Datasheet
877Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
1/18/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com