Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-504BC2V-B4-2GD Datasheet(PDF) 6 Page - Lucky Light Electronic

Part # LL-504BC2V-B4-2GD
Description  5mm Round Standard Type Blue LED Technical Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-504BC2V-B4-2GD Datasheet(HTML) 6 Page - Lucky Light Electronic

  LL-504BC2V-B4-2GD Datasheet HTML 1Page - Lucky Light Electronic LL-504BC2V-B4-2GD Datasheet HTML 2Page - Lucky Light Electronic LL-504BC2V-B4-2GD Datasheet HTML 3Page - Lucky Light Electronic LL-504BC2V-B4-2GD Datasheet HTML 4Page - Lucky Light Electronic LL-504BC2V-B4-2GD Datasheet HTML 5Page - Lucky Light Electronic LL-504BC2V-B4-2GD Datasheet HTML 6Page - Lucky Light Electronic LL-504BC2V-B4-2GD Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Luckylight
Spec No: B525X200
Rev No: V.2
Date:Mar/26/2005
Page: 6 OF 7
Approved: JoJo
Checked: Wu
Drawn:Shu
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Reliability Test Items And Conditions:
The reliability of products shall be satisfied with items listed below:
Confidence level: 90%.
LTPD: 10%.
1) Test Items and Results:
Test Item
Standard
Test Method
Test Conditions
Note
Number of
Damaged
Resistance to Soldering
Heat
JEITA ED-4701
300 302
Tsld=260±5℃, 10sec 3mm
from the base of the epoxy
bulb
1 time
0/100
Solder ability
JEITA ED-4701
300 303
Tsld=235±5℃, 5sec(using
flux)
1time
over 95%
0/100
Thermal Shock
JEITA ED-4701
300 307
0℃~100℃ 15sec, 15sec
100 cycles
0/100
Temperature Cycle
JEITA ED-4701
100 105
-40℃~25℃~100℃~25℃
30min,5min,30min,5min
100 cycles
0/100
Moisture Resistance
Cycle
JEITA ED-4701
200 203
25℃~65℃~-10℃ 90%RH
24hrs/1cycle
10 cycles
0/100
High Temperature
Storage
JEITA ED-4701
200 201
Ta=100℃
1000hrs
0/100
Terminal Strength
(Pull test)
JEITA ED-4701
400 401
Load 10N (1kgf)
10±1sec
No noticeable
damage
0/100
Terminal Strength
(bending test)
JEITA ED-4701
400 401
Load 5N (0.5kgf)
0°~90°~0° bend 2 times
No noticeable
damage
0/100
Temperature Humidity
Storage
JEITA ED-4701
100 103
Ta=60℃, RH=90%
1000hrs
0/100
Low Temperature
Storage
JEITA ED-4701
200 202
Ta=-40℃
1000hrs
0/100
Steady State Operating
Life
Ta=25℃, IF=30mA
1000hrs
0/100
Steady State Operating
Life of High Humidity
Heat
Ta=60℃, RH=90%,
IF=30mA
500hrs
0/100
Steady State Operating
Life of Low
Temperature
Ta=-30℃, IF=20mA
1000hrs
0/100
2) Criteria For Judging The Damage:
Criteria for Judgment
Item
Symbol
Test Conditions
Min
Max
Forward Voltage
VF
IF=20mA
---
F.V.*)×1.1
Reverse Current
IR
VR=5V
---
F.V.*)×2.0
Luminous Intensity
IV
IF=20mA
F.V.*)×0.7
---
*) F.V.: First Value.


Similar Part No. - LL-504BC2V-B4-2GD

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-504BC2V-B4-1GD LUCKY-LIGHT-LL-504BC2V-B4-1GD Datasheet
138Kb / 7P
   5mm Round Standard Type Blue LED Technical Data Sheet
LL-504BC2V-B4-3BD LUCKY-LIGHT-LL-504BC2V-B4-3BD Datasheet
138Kb / 7P
   5mm Round Standard Type Blue LED Technical Data Sheet
More results

Similar Description - LL-504BC2V-B4-2GD

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-504BC2V-B4-1GD LUCKY-LIGHT-LL-504BC2V-B4-1GD Datasheet
138Kb / 7P
   5mm Round Standard Type Blue LED Technical Data Sheet
LL-504BC2V-B4-3BD LUCKY-LIGHT-LL-504BC2V-B4-3BD Datasheet
138Kb / 7P
   5mm Round Standard Type Blue LED Technical Data Sheet
LL-504BGC2V-G3-3BD LUCKY-LIGHT-LL-504BGC2V-G3-3BD Datasheet
138Kb / 7P
   5mm Round Standard Type Bluish Green LED Technical Data Sheet
LL-504PGC2E-G5-3GC LUCKY-LIGHT-LL-504PGC2E-G5-3GC Datasheet
138Kb / 7P
   5mm Round Standard Type Pure Green LED Technical Data Sheet
LL-504BGC2E-G3-1BC LUCKY-LIGHT-LL-504BGC2E-G3-1BC Datasheet
137Kb / 7P
   5mm Round Standard Type Bluish Green LED Technical Data Sheet
LL-504PGC2V-G5-3BD LUCKY-LIGHT-LL-504PGC2V-G5-3BD Datasheet
136Kb / 7P
   5mm Round Standard Type Pure Green LED Technical Data Sheet
LL-504PGC2V-G5-3GD LUCKY-LIGHT-LL-504PGC2V-G5-3GD Datasheet
136Kb / 7P
   5mm Round Standard Type Pure Green LED Technical Data Sheet
LL-504BGC2E-G3-3FC LUCKY-LIGHT-LL-504BGC2E-G3-3FC Datasheet
137Kb / 7P
   5mm Round Standard Type Bluish Green LED Technical Data Sheet
LL-503VC2V-V1-2BD LUCKY-LIGHT-LL-503VC2V-V1-2BD Datasheet
137Kb / 7P
   5mm Round Standard Type Ultra Red LED Technical Data Sheet
LL-503SD2E-1S LUCKY-LIGHT-LL-503SD2E-1S Datasheet
139Kb / 7P
   5mm Round Standard Type Super Red LED Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com