Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370Cx56 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS370Cx56
Description  8-BIT MICROCONTROLLER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS370Cx56 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS370Cx56 Datasheet HTML 7Page - Texas Instruments TMS370Cx56 Datasheet HTML 8Page - Texas Instruments TMS370Cx56 Datasheet HTML 9Page - Texas Instruments TMS370Cx56 Datasheet HTML 10Page - Texas Instruments TMS370Cx56 Datasheet HTML 11Page - Texas Instruments TMS370Cx56 Datasheet HTML 12Page - Texas Instruments TMS370Cx56 Datasheet HTML 13Page - Texas Instruments TMS370Cx56 Datasheet HTML 14Page - Texas Instruments TMS370Cx56 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
TMS370Cx5x
8-BIT MICROCONTROLLER
SPNS010F – DECEMBER 1986 – REVISED FEBRUARY 1997
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
CPU (continued)
program counter (PC)
The contents of the PC point to the memory location of the next instruction to be executed. The PC consists
of two 8-bit registers in the CPU: the program counter high (PCH) and program counter low (PCL). These
registers contain the most-significant byte (MSbyte) and least-significant byte (LSbyte) of a 16-bit address.
The contents of the reset vector (7FFEh, 7FFFh) are loaded into the program counter during reset. The PCH
(MSbyte of the PC) is loaded with the contents of memory location 7FFEh, and the PCL (LSbyte of the PC) is
loaded with the contents of memory location 7FFFh. Figure 2 shows this operation using an example value of
6000h as the contents of memory locations 7FFEh and 7FFFh (reset vector).
Memory
Program Counter (PC)
60
00
PCH
PCL
60
00
0000h
7FFEh
7FFFh
Figure 2. Program Counter After Reset
memory map
The TMS370Cx5x architecture is based on the Von Neuman architecture, where the program memory and data
memory share a common address space. All peripheral input/output is memory mapped in this same common
address space. In the expansion mode, external memory peripherals are also memory-mapped into this
common address. As shown in Figure 3, the TMS370Cx5x provides a 16 bit-address range to access internal
or external RAM, ROM, data EEPROM, EPROM input/output pins, peripheral functions, and system-interrupt
vectors.
The peripheral file contains all input/output port control, on- and off-chip peripheral status and control, EPROM,
EEPROM programming, and system-wide control functions. The peripheral file consists of 256 contiguous
addresses located from 1000h to 10FFh. The 256 contiguous addresses are divided logically into 16 peripheral
file frames of 16 bytes each. Each on-chip peripheral is assigned to a separate frame through which peripheral
control and data information is passed. The TMS370Cx5x has its on-chip peripherals and system control
assigned to peripheral file frames 1 through 7, addresses 1010h through 107Fh.


Similar Part No. - TMS370Cx56

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370CX5X TI-TMS370CX5X Datasheet
1Mb / 77P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370CX5XFN TI-TMS370CX5XFN Datasheet
1Mb / 77P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370CX5XFZ TI-TMS370CX5XFZ Datasheet
1Mb / 77P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370CX5XJN TI-TMS370CX5XJN Datasheet
1Mb / 77P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370CX5XNM TI-TMS370CX5XNM Datasheet
1Mb / 77P
[Old version datasheet]   8-BIT MICROCONTROLLER
More results

Similar Description - TMS370Cx56

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com