Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP78LXXSG-13 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP78LXXSG-13
Description  AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78LXXSG-13 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP78LXXSG-13 Datasheet HTML 7Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 8Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 9Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 10Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 11Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 12Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 13Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 14Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AP78L05/08/12
AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L05/08/12
Document number: DS31054 Rev. 10 - 2
11 of 16
www.diodes.com
March 2012
© Diodes Incorporated
Lead-free
Ordering Information
  
Package
Packing
A : Ammo Box
Lead Free
L : Lead Free (Note 8)
AP78L XX X X - X
V : TO92
S : SO-8
Y : SOT89
13 : Tape & Reel
G : Green (Note 9)
Output version
05 : 5V
08 : 8V
12 : 12V
Device
Package
Code
Packaging
(Note 10)
Ammo Box / Tube
13” Tape and Reel
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP78LXXVL-A
V
TO92
2000/Box
-A
NA
NA
AP78LXXSG-13
S
SO-8
NA
NA
2500/Tape & Reel
-13
AP78LXXYG-13
Y
SOT89
NA
NA
2500/Tape & Reel
-13
Notes:
8. TO92 is available in “Lead Free” product only.
9. SO-8 and SOT89 are available in “Green” products only.
10. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - AP78LXXSG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP78LXXSG-13 DIODES-AP78LXXSG-13 Datasheet
284Kb / 15P
   AP78LXX SERIES 3-TERMINAL POSITIVE
AP78L05/08/12 Rev. 9
AP78LXXSG-13 DIODES-AP78LXXSG-13 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
More results

Similar Description - AP78LXXSG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP78LXX DIODES-AP78LXX_12 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L08SG-13 DIODES-AP78L08SG-13 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L05 DIODES-AP78L05_09 Datasheet
284Kb / 15P
   AP78LXX SERIES 3-TERMINAL POSITIVE
AP78L05/08/12 Rev. 9
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com