Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58C256AI Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HN58C256AI
Description  256k EEPROM (32-kword8-bit)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58C256AI Datasheet(HTML) 1 Page - Renesas Technology Corp

  HN58C256AI Datasheet HTML 1Page - Renesas Technology Corp HN58C256AI Datasheet HTML 2Page - Renesas Technology Corp HN58C256AI Datasheet HTML 3Page - Renesas Technology Corp HN58C256AI Datasheet HTML 4Page - Renesas Technology Corp HN58C256AI Datasheet HTML 5Page - Renesas Technology Corp HN58C256AI Datasheet HTML 6Page - Renesas Technology Corp HN58C256AI Datasheet HTML 7Page - Renesas Technology Corp HN58C256AI Datasheet HTML 8Page - Renesas Technology Corp HN58C256AI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
R10DS0218EJ0100 Rev.1.00
Page 1 of 16
Oct 07, 2013
Data Sheet
HN58C256AI Series
256k EEPROM (32-kword
× 8-bit)
Description
Renesas Electronics' HN58C256AI are electrically erasable and programmable ROMs organized as 32768-word
× 8-bit.
They have realized high speed low power consumption and high reliability by employing advanced MNOS memory
technology and CMOS process and circuitry technology. They also have a 64-byte page programming function to make
their write operations faster.
Features
• Single 5 V supply: 5 V ±10%
• Access time: 85 ns/100 ns (max)
• Power dissipation
⎯ Active: 20 mW/MHz, (typ)
⎯ Standby: 110 μW (max)
• On-chip latches: address, data, CE, OE, WE
• Automatic byte write: 10 ms max
• Automatic page write (64 bytes): 10 ms max
• Data polling and Toggle bit
• Data protection circuit on power on/off
• Conforms to JEDEC byte-wide standard
• Reliable CMOS with MNOS cell technology
• 105 erase/write cycles (in page mode)
• 10 years data retention
• Software data protection
• There are lead free products
R10DS0218EJ0100
Rev.1.00
Oct 07, 2013


Similar Part No. - HN58C256AI

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58C256A HITACHI-HN58C256A Datasheet
126Kb / 25P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
HN58C256AFP-10 HITACHI-HN58C256AFP-10 Datasheet
126Kb / 25P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
HN58C256AFP-85 HITACHI-HN58C256AFP-85 Datasheet
126Kb / 25P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
HN58C256AP-10 HITACHI-HN58C256AP-10 Datasheet
126Kb / 25P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
HN58C256AP-85 HITACHI-HN58C256AP-85 Datasheet
126Kb / 25P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
More results

Similar Description - HN58C256AI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EV58256BXXN RENESAS-R1EV58256BXXN Datasheet
697Kb / 25P
   256K EEPROM (32-Kword 횞 8-bit)
HN58X25128FPIAG RENESAS-HN58X25128FPIAG_15 Datasheet
273Kb / 21P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A Datasheet
999Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASAS0I RENESAS-R1EX24256ASAS0I_10 Datasheet
725Kb / 26P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASA00I RENESAS-R1EX24256ASA00I Datasheet
173Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256BSAS0I RENESAS-R1EX24256BSAS0I Datasheet
997Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
HN58X24256AS RENESAS-HN58X24256AS Datasheet
389Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
R1EX24256ASAS0I RENESAS-R1EX24256ASAS0I Datasheet
181Kb / 24P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
HN58X24256A RENESAS-HN58X24256A Datasheet
388Kb / 22P
   Two-wire serial interface 256k EEPROM (32-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com