Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1EX24512BSAS0I Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R1EX24512BSAS0I
Description  Two-wire serial interface 512k EEPROM (64-kword8-bit)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24512BSAS0I Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R1EX24512BSAS0I_13 Datasheet HTML 4Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 5Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 6Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 7Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 8Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 9Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 10Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 11Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
R1EX24512BSAS0I/R1EX24512BTAS0I
R10DS0026EJ0400 Rev.4.00
Page 8 of 17
Sep, 20, 2013
Functional Description
Start Condition
A high-to-low transition of the SDA with the SCL high is needed in order to start read, write operation (See start
condition and stop condition).
Stop Condition
A low-to-high transition of the SDA with the SCL high is a stop condition. The stand-by operation starts after a read
sequence by a stop condition. In the case of write operation, a stop condition terminates the write data inputs and place
the device in a internally-timed write cycle to the memories. After the internally-timed write cycle which is specified as
tWC, the device enters a standby mode (See write cycle timing).
Start Condition and Stop Condition
SCL
SDA
(in)
Stop condition
Start condition
Acknowledge
All addresses and data words are serially transmitted to and from in 8-bit words. The receiver sends a zero to
acknowledge that it has received each word. This happens during ninth clock cycle. The transmitter keeps bus open to
receive acknowledgment from the receiver at the ninth clock. In the write operation, EEPROM sends a zero to
acknowledge after receiving every 8-bit words. In the read operation, EEPROM sends a zero to acknowledge after
receiving the device address word. After sending read data, the EEPROM waits acknowledgment by keeping bus open.
If the EEPROM receives zero as an acknowledge, it sends read data of next address. If the EEPROM receives
acknowledgment "1" (no acknowledgment) and a following stop condition, it stops the read operation and enters a
stand-by mode. If the EEPROM receives neither acknowledgment "0" nor a stop condition, the EEPROM keeps bus
open without sending read data.
Acknowledge Timing Waveform
SCL
SDA IN
SDA OUT
12
8
9
Acknowledge
out


Similar Part No. - R1EX24512BSAS0I_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_15 Datasheet
312Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
More results

Similar Description - R1EX24512BSAS0I_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24512I RENESAS-HN58X24512I Datasheet
143Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0A RENESAS-R1EX24512ASAS0A Datasheet
178Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A_15 Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0I RENESAS-R1EX24512ASAS0I Datasheet
172Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_15 Datasheet
312Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X24512I HITACHI-HN58X24512I Datasheet
55Kb / 20P
   Two-wire serial interface 512k EEPROM (64-kword 쨈 8-bit)
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G_15 Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 瑗?8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com