Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1EX24512BSAS0I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R1EX24512BSAS0I
Description  Two-wire serial interface 512k EEPROM (64-kword8-bit)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24512BSAS0I Datasheet(HTML) 2 Page - Renesas Technology Corp

  R1EX24512BSAS0I_13 Datasheet HTML 1Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 2Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 3Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 4Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 5Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 6Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 7Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 8Page - Renesas Technology Corp R1EX24512BSAS0I_13 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
R1EX24512BSAS0I/R1EX24512BTAS0I
R10DS0026EJ0400 Rev.4.00
Page 2 of 17
Sep, 20, 2013
Ordering Information
Orderable Part Numbers
Internal
organization
Package
Shipping tape
and reel
Halogen free Inner wire
R1EX24512BSAS0I#S0
512k bit
(65536
× 8-bit)
150 mil 8-pin plastic SOP
PRSP0008DF-B (FP-8DBV)
Lead free
Au
2,500 IC/reel
R1EX24512BSAS0I#K0
Cu
4,000 IC/reel
R1EX24512BTAS0I#S0
512k bit
(65536
× 8-bit)
8-pin plastic TSSOP
PTSP0008JC-B (TTP-8DAV)
Lead free
Au
3,000 IC/reel
R1EX24512BTAS0I#U0
Au
Pin Arrangement
/8-pin TSSOP
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
VCC
WP
SCL
SDA
(Top view)
8-pin SOP
Pin Description
Pin name
Function
A0 to A2
Device address
SCL
Serial clock input
SDA
Serial data input/output
WP
Write protect
VCC
Power supply
VSS
Ground
Block Diagram
Control
logic
High voltage generator
Memory array
Y-select & Sense amp.
Serial-parallel converter
VCC
VSS
WP
A0, A1, A2
SCL
SDA
Voltage detector


Similar Part No. - R1EX24512BSAS0I_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_15 Datasheet
312Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
More results

Similar Description - R1EX24512BSAS0I_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X24512I RENESAS-HN58X24512I Datasheet
143Kb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0A RENESAS-R1EX24512ASAS0A Datasheet
178Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A_15 Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0A RENESAS-R1EX24512BSAS0A Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I Datasheet
1Mb / 19P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512ASAS0I RENESAS-R1EX24512ASAS0I Datasheet
172Kb / 23P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
R1EX24512BSAS0I RENESAS-R1EX24512BSAS0I_15 Datasheet
312Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 횞 8-bit)
logo
Hitachi Semiconductor
HN58X24512I HITACHI-HN58X24512I Datasheet
55Kb / 20P
   Two-wire serial interface 512k EEPROM (64-kword 쨈 8-bit)
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
R1EX24512BSAS0G RENESAS-R1EX24512BSAS0G_15 Datasheet
516Kb / 18P
   Two-wire serial interface 512k EEPROM (64-kword 瑗?8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com