Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR40U300CTB Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR40U300CTB
Description  40A SBR SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR40U300CTB Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR40U300CTB Datasheet HTML 1Page - Diodes Incorporated SBR40U300CTB Datasheet HTML 2Page - Diodes Incorporated SBR40U300CTB Datasheet HTML 3Page - Diodes Incorporated SBR40U300CTB Datasheet HTML 4Page - Diodes Incorporated SBR40U300CTB Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR40U300CTB
Document number: DS31400 Rev. 5 - 2
3 of 4
www.diodes.com
July 2011
© Diodes Incorporated
SBR40U300CTB
SBR is a registered trademark of Diodes Incorporated.
Fig. 3 Forward Current Derating Curve
0
5
10
15
20
25
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
30
35
40
R
= 10°C/W
Per Element
Note 3
JA
θ
R
= R
Per Element
θθ
JA
JC
R
= R
Total Device
θθ
JA
JC
Package Outline Dimensions
Suggested Pad Layout
D
2PAK
Dim
Min
Max
A
4.07
4.82
b
0.51
0.99
b1
1.15
1.77
c
0.356
0.58
c1
1.143
1.65
D
8.39
9.65
D1
6.55
E
9.66
10.66
E1
6.23
e
2.54 Typ
H
14.61
15.87
L
1.78
2.79
L1
1.67
L2
1.77
a
All Dimensions in mm
Dimensions
Value (in mm)
Z
16.9
X1
1.1
X2
10.8
Y1
3.5
Y2
7.01
E1
2.5
E
b1
c
H
D
L1
b
L2
Lc1
A
e
a
12
K
E1
D1
X2
Z
X1
Y1
E1
Y2


Similar Part No. - SBR40U300CTB

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SBR40U300CTB SY-SBR40U300CTB Datasheet
2Mb / 2P
   SUPER BARRIER RECTIFIER
More results

Similar Description - SBR40U300CTB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR4045CT DIODES-SBR4045CT Datasheet
178Kb / 3P
   40A SBR Super Barrier Rectifier
SBR4045 Rev. 2
SBR40U120CT DIODES-SBR40U120CT Datasheet
91Kb / 4P
   40A SBR SUPER BARRIER RECTIFIER
SBR4060CT DIODES-SBR4060CT Datasheet
177Kb / 3P
   40A SBR Super Barrier Rectifier
SBR4060 Rev. 2
SBR40100CT DIODES-SBR40100CT Datasheet
179Kb / 3P
   40A SBR Super Barrier Rectifier
SBR40100 Rev. 2
SBR4040CT DIODES-SBR4040CT Datasheet
178Kb / 3P
   40A SBR Super Barrier Rectifier
SBR4040 Rev. 2
SBR40U200CT DIODES-SBR40U200CT Datasheet
106Kb / 5P
   40A SBR SUPER BARRIER RECTIFIER
SBR40150CT DIODES-SBR40150CT Datasheet
179Kb / 3P
   40A SBR Super Barrier Rectifier
SBR40150 Rev. 2
SBR40U120CTE DIODES-SBR40U120CTE Datasheet
88Kb / 4P
   40A SBR® SUPER BARRIER RECTIFIER
November 2011
SBR40U100CTE DIODES-SBR40U100CTE Datasheet
97Kb / 4P
   40A SBR® SUPER BARRIER RECTIFIER
November 2011
SBR40U100CT DIODES-SBR40U100CT Datasheet
101Kb / 3P
   40A SBR® SUPER BARRIER RECTIFIER
January 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com