Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE24P00421K Datasheet(PDF) 7 Page - AVX Corporation

Part # VE24P00421K
Description  Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VE24P00421K Datasheet(HTML) 7 Page - AVX Corporation

Back Button VE24P00421K Datasheet HTML 3Page - AVX Corporation VE24P00421K Datasheet HTML 4Page - AVX Corporation VE24P00421K Datasheet HTML 5Page - AVX Corporation VE24P00421K Datasheet HTML 6Page - AVX Corporation VE24P00421K Datasheet HTML 7Page - AVX Corporation VE24P00421K Datasheet HTML 8Page - AVX Corporation VE24P00421K Datasheet HTML 9Page - AVX Corporation VE24P00421K Datasheet HTML 10Page - AVX Corporation VE24P00421K Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
24
TPC
Zinc Oxide Varistors
Electrical Characteristics VE / VF Types
Ip
(A)
400
200
100
80
60
40
20
10
8
6
4
2
1
0.8
0.6
0.4
0.2
0.1
20
200
2.000
(
µS)
VE07M/VF05M
40V
RMS
300
1
2
10
10
2
10
3
10 4
10 5
10 6
Ip
(A)
10
100
1000
(
µS)
130V
2
10
3
10 5
1000
10000
10000
100
10
1
10 6
10
1
10
2
VE07P/VF05P
to 625V
RMS
RMS
10 4
Ip
(A)
400
200
100
80
60
40
20
10
8
6
4
2
1
0.8
0.6
0.4
0.2
0.1
20
200
2.000
(
µS)
VE07M/VF05M
> 40V
RMS
300
1
2
10
10
2
10
3
10 4
10 5
10 6
MAXIMUM SURGE CURRENT (Ip)
DERATING CURVES WITH PULSE WIDTH ( ) AND FREQUENCY


Similar Part No. - VE24P00421K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE24P00131K AVX-VE24P00131K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE24P00141K AVX-VE24P00141K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE24P00151K AVX-VE24P00151K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE24P00211K AVX-VE24P00211K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE24P00231K AVX-VE24P00231K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
More results

Similar Description - VE24P00421K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE24P00131K AVX-VE24P00131K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com