Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1EX25008ASA00G Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R1EX25008ASA00G
Description  Serial Peripheral Interface 8k EEPROM 16k EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25008ASA00G Datasheet(HTML) 3 Page - Renesas Technology Corp

  R1EX25008ASA00G Datasheet HTML 1Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 2Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 3Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 4Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 5Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 6Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 7Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 8Page - Renesas Technology Corp R1EX25008ASA00G Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
R1EX25008ASA00G/R1EX25008ATA00G/R1EX25016ASA00G/R1EX25016ATA00G
Preliminary
Block Diagram
High voltage generator
Memory array
Y-select & Sense amp.
Serial-parallel converter
VCC
VSS
S
W
C
HOLD
D
Q
Voltage detector
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to VSS
VCC
0.6 to +7.0
V
Input voltage relative to VSS
VIN
0.5*2 to +7.0*3
V
Operating temperature range*
1
Topr
40 to +105
C
Storage temperature range
Tstg
55 to +125
C
Notes: 1. Including electrical characteristics and data retention.
2. VIN (min): 3.0 V for pulse width  50 ns.
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
VCC
1.8

5.5
V
Supply voltage
VSS
0
0
0
V
VIH
VCC  0.7
VCC  0.5*
2
V
Input voltage
VIL
0.3*1
VCC  0.3
V
Operating temperature range
Topr
40
+105
C
Notes: 1. VIN (min): 1.0 V for pulse width  50 ns.
2. VIN (max): VCC + 1.0 V for pulse width  50 ns.
Capacitance
(Ta = +25
C, f = 1 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input capacitance (D, C, S, W, HOLD)
Cin*
1
6.0
pF
Vin = 0 V
Output capacitance (Q)
CI/O*
1
8.0
pF
Vout = 0 V
Note: 1. Not 100
 tested.
Memory cell characteristics
(VCC = 1.8 V to 5.5 V)
Ta=85
C
Ta=105
C
Notes
Endurance
1,000k Cycles min.
200k Cycles min.
1
Data retention
20 Years min.
20 Years min.
1
Note: 1. Not 100
 tested.
R10DS0083EJ0100 Rev.1.00
Page 3 of 20
Oct. 02, 2012


Similar Part No. - R1EX25008ASA00G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25008ASA00A RENESAS-R1EX25008ASA00A Datasheet
610Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word × 8-bit) 16k EEPROM (2048-word × 8-bit) Electrically Erasable and Programmable Read Only Memory
Jul.22.2009
R1EX25008ASA00I RENESAS-R1EX25008ASA00I Datasheet
962Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
R1EX25008ASA00I#S0 RENESAS-R1EX25008ASA00I#S0 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
More results

Similar Description - R1EX25008ASA00G

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
logo
Sanyo Semicon Device
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Microchip Technology
93LC76 MICROCHIP-93LC76_04 Datasheet
328Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
2004
93LC86 MICROCHIP-93LC86 Datasheet
240Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
05/28/04
java.util.regex.PatternSyntaxException: Unmatched closing ')' near index 5 93AA76)13 ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com