Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLJB227M0060500 Datasheet(PDF) 3 Page - AVX Corporation

Part # TLJB227M0060500
Description  Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLJB227M0060500 Datasheet(HTML) 3 Page - AVX Corporation

  TLJB227M0060500 Datasheet HTML 1Page - AVX Corporation TLJB227M0060500 Datasheet HTML 2Page - AVX Corporation TLJB227M0060500 Datasheet HTML 3Page - AVX Corporation TLJB227M0060500 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
34
I SEPTEMBER 2013
TLJ Series
Tantalum Solid Electrolytic Chip Capacitors
High CV Consumer Series
Rated
Maximum
DCL
ESR
100kHz Ripple Current (mA)
100kHz Ripple Voltage (mV)
AVX
Case
Capacitance
Voltage
Surge
(μA)
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Current (A)*
Max.
@100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
2.5 Volt @ 40ºC (1.25 Volt @ 85ºC, 0.5 Volt @ 125°C)
TLJT227M002#1200
T
220
2.5
0.8
5.5
1100
3
365
329
146
219
197
88
4 Volt @ 40ºC (2 Volt @ 85ºC, 0.8 Volt @ 125°C)
TLJN336M004#8000
N
33
4
0.2
1.3
8000
3
79
71
32
632
569
253
TLJR336M004#3000
R
33
4
0.6
1.3
3000
3
135
122
54
406
366
162
TLJK476M004#1500
K
47
4
1.0
1.9
1500
3
208
187
83
312
281
125
TLJN476M004#4000
N
47
4
0.6
1.9
4000
3
112
101
45
447
402
179
TLJP476M004#3000
P
47
4
0.6
1.9
3000
3
141
127
57
424
382
170
TLJR476M004#3000
R
47
4
0.6
1.9
3000
3
135
122
54
406
366
162
TLJK686M004#1200
K
68
4
1.2
2.7
1200
3
233
209
93
279
251
112
TLJN686M004#8000
N
68
4
0.2
5.4
8000
3
79
71
32
632
569
253
TLJP686M004#3000
P
68
4
1.2
2.7
3000
3
141
127
57
424
382
170
TLJR686M004#2900
R
68
4
0.6
2.7
2900
3
138
124
55
399
359
160
TLJS686M004#1500
S
68
4
1.0
2.7
1500
3
208
187
83
312
281
125
TLJA107M004#0500
A
100
4
2.1
4.0
500
3
387
349
155
194
174
77
TLJG107M004#0800
G
100
4
1.6
4.0
800
3
296
266
118
237
213
95
TLJN107M004#5200
N
100
4
0.4
8.0
5200
3
98
88
39
510
459
204
TLJP107M004#2700
P
100
4
0.6
8.0
2700
3
149
134
60
402
362
161
TLJS107M004#1400
S
100
4
1.1
4.0
1400
3
208
187
83
312
281
125
TLJA157M004#0800
A
150
4
1.6
6.0
800
3
306
276
122
245
220
98
TLJT157M004#0800
T
150
4
1.6
6.0
800
3
316
285
126
253
228
101
TLJA227M004#1100
A
220
4
1.3
17.6
1100
3
261
235
104
287
259
115
TLJG227M004#3000
G
220
4
0.6
17.6
3000
3
153
137
61
458
412
183
TLJH227M004#0900
H
220
4
1.5
8.8
900
3
298
268
119
268
241
107
TLJT227M004#1100
T
220
4
1.3
17.6
1100
3
316
285
126
253
228
101
TLJT337M004#2700
T
330
4
0.6
26.4
2700
3
172
155
69
465
418
186
TLJW337M004#0200
W
330
4
3.1
13.2
200
3
671
604
268
134
121
54
6.3 Volt @ 40ºC (3.15 Volt @ 85ºC, 1.26 Volt @ 125ºC)
TLJN226M006#5400
N
22
6.3
0.5
1.3
5400
3
96
87
38
520
468
208
TLJR226M006#3500
R
22
6.3
0.8
1.3
3500
3
125
113
50
439
395
175
TLJK336M006#1700
K
33
6.3
1.5
2.0
1700
3
196
176
78
332
299
133
TLJN336M006#8000
N
33
6.3
0.4
2.0
8000
3
79
71
32
632
569
253
TLJP336M006#3000
P
33
6.3
0.9
2.0
3000
3
141
127
57
424
382
170
TLJR336M006#3000
R
33
6.3
0.9
2.0
3000
3
135
122
54
406
366
162
TLJK476M006#1500
K
47
6.3
1.6
2.8
1500
3
208
187
83
312
281
125
TLJN476M006#8300
N
47
6.3
0.4
5.6
8300
3
78
70
31
644
580
258
TLJP476M006#0700
P
47
6.3
2.7
2.8
700
3
293
263
117
205
184
82
TLJP476M006#0900
P
47
6.3
2.3
2.8
900
3
258
232
103
232
209
93
TLJP476M006#1800
P
47
6.3
1.4
2.8
1800
3
183
164
73
329
296
131
TLJP476M006#2500
P
47
6.3
1.1
2.8
2500
3
155
139
62
387
349
155
TLJR476M006#3200
R
47
6.3
0.9
2.8
3200
3
131
118
52
420
378
168
TLJS476M006#1500
S
47
6.3
1.6
2.8
1500
3
208
187
83
312
281
125
TLJA686M006#0500
A
68
6.3
3.3
4.1
500
3
387
349
155
194
174
77
TLJG686M006#0800
G
68
6.3
1.9
4.1
800
3
242
217
97
290
261
116
TLJS686M006#1500
S
68
6.3
1.6
4.1
1500
3
208
187
83
312
281
125
TLJT686M006#0600
T
68
6.3
3.0
4.1
600
3
365
329
146
219
197
88
TLJA107M006#0500
A
100
6.3
3.3
6.0
500
3
387
349
155
194
174
77
TLJA107M006#0800
A
100
6.3
2.5
6.0
800
3
306
276
122
245
220
98
TLJG107M006#0800
G
100
6.3
2.5
6.0
800
3
296
266
118
237
213
95
TLJP107M006#5400
P
100
6.3
0.5
12.0
5400
3
105
95
42
596
512
228
TLJT107M006#0800
T
100
6.3
2.5
6.0
800
3
316
285
126
253
228
101
TLJA157M006#0900
A
150
6.3
2.3
9.0
900
3
289
260
115
260
234
104
TLJG157M006#2500
G
150
6.3
1.1
18.0
2500
3
167
151
67
418
376
167
TLJH157M006#0900
H
150
6.3
2.3
9.0
900
3
298
268
119
268
241
107
TLJT157M006#1200
T
150
6.3
1.9
9.0
1200
3
316
285
126
253
228
101
TLJB227M006#0500
B
220
6.3
3.3
13.2
500
3
412
371
165
206
186
82
TLJT227M006#2000
T
220
6.3
1.3
26.4
2000
3
200
180
80
400
360
160
TLJW227M006#0200
W
220
6.3
4.8
13.2
200
3
671
604
268
134
121
54
TLJF337M006#0300
F
330
6.3
4.2
19.8
300
3
577
520
231
173
156
69
TLJY687M006#0100
Y
680
6.3
5.7
40.8
100
3
1118
1006
447
112
101
45
TLJY687M006#0150
Y
680
6.3
5.7
40.8
150
3
913
822
365
137
123
55
RATINGS & PART NUMBER REFERENCE
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalogue limit post mounting
DCL allowed to move up to 2.00 times catalogue limit post mounting
For typical weight and composition see page 150.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


Similar Part No. - TLJB227M0060500

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLJB227M0060500 AVX-TLJB227M0060500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
More results

Similar Description - TLJB227M0060500

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLJW157M010R0200 AVX-TLJW157M010R0200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJP476M006R2500 AVX-TLJP476M006R2500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M010R1400 AVX-TLJA107M010R1400 Datasheet
227Kb / 5P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA476M010R0600 AVX-TLJA476M010R0600 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLCL226M006RTA AVX-TLCL226M006RTA Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M006XTA AVX-TLCL226M006XTA Datasheet
205Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TCJB227M004R0070 AVX-TCJB227M004R0070 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com