Electronic Components Datasheet Search |
|
XS2F-A421-D90-A Datasheet(PDF) 5 Page - Omron Electronics LLC |
|
XS2F-A421-D90-A Datasheet(HTML) 5 Page - Omron Electronics LLC |
5 / 12 page Miniature Limit Switch D4CC 5 ■ Contact Form AC Switches (D4CC-10 @@, 20@@) Note 1. "Lights when operated" means that when the actuator is turned or pushed and the Limit Switch contact leaves the NC side, the indicator lights. 2. "Lights when not in operation" means that when the actuator is in the free position, the indicator is lit, and when the actuator is turned or pushed and the contact comes into contact with the NO side, the indicator turns OFF. DC Switches (D4CC-30 @@, 40@@) Note 1. "Lights when operated" means that when the actuator is turned or pushed and the Limit Switch contact leaves the NC side, the indicator lights. 2. "Lights when not in operation" means that when the actuator is in the free position, the indicator is lit, and when the actuator is turned or pushed and the contact comes into contact with the NO side, the indicator turns OFF. Plugs NC COM E NO NO COM NC E (2) (3) (1) (4) NO COM NC E (2) (3) (1) (4) With LED Indicator (lights when operated) Pin No. Pin No. Without Indicator With Indicator Note: The indicators of these models are lit when the Switches are not actuated. When the Switches are actuated, the indicator are off. NO COM NC E (2) (3) (1) (4) Pin No. NC COM NO E NO COM NC E (2) (3) (1) (4) NO COM NC E (2) (3) (1) (4) Pin No. Pin No. Without Indicator With Indicator Note: The indicators of these models are lit when the Switches are not actuated. When the Switches are actuated, the indicator are off. With LED Indicator (lights when operated) NO COM NC E (2) (3) (1) (4) Pin No. Pin No. 1. Brown 2. White 3. Blue 4. Black Plug Cable Pin No. 1. Brown 2. White 3. Blue 4. Black Plug Cable AC Type DC Type |
Similar Part No. - XS2F-A421-D90-A |
|
Similar Description - XS2F-A421-D90-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |