Electronic Components Datasheet Search |
|
XS2F-A421-G90-A Datasheet(PDF) 10 Page - Omron Electronics LLC |
|
XS2F-A421-G90-A Datasheet(HTML) 10 Page - Omron Electronics LLC |
10 / 12 page 10 Miniature Limit Switch D4CC Special Mounting Plates (Limit Switches are not attached to the Plates.) 95 13.1 1.3 7 18.3 15.7 34.1 30 44 30 ±0.2 58.7 ±0.2 4-R2 25 ±0.2 5.1 ±0.2 11 dia. D4C-P001 (For D4CC- @001) 34 (OP of WLD) Two, M5 x 0.8 tapped hole (See note 3.) Note: 1. Four hexagonal flat head bolts (M5 x 0.8, length: 10) and two Allen-head bolts (M5 x 0.8, length: 15) are included. 2. All the holes with 5.2+0.2/0 dia. must be used with M5 x 10 Allen-head bolts. 3. All the M5-tapped holes must be used with M5 hexagonal flat head bolts. 0 Four, 5.2 +0.2 dia. holes (See note 2.) 4-R2 14.7 34.1 30 44 75 1.3 53 ±1.5 9 ±0.2 5 ±0.2 9.2 ±0.2 30 ±0.2 58.7 ±0.2 25 ±0.2 15.5 9.5 28.5 34.1 30 44 95 1.3 13.1 4-R2 30 ±0.2 58.7 ±0.2 25 ±0.2 5.1 ±0.2 11 dia. D4C-P002 (For D4CC- @002) D4C-P020 (For D4CC- @024) 44 (OP of WLD2) Two, M5 x 0.8 tapped hole (See note 3.) Note: 1. Four hexagonal flat head bolts (M5 x 0.8, length: 10) and two Allen- head bolts (M5 x 0.8, length: 15) are included. 2. All the holes with 5.2+0.2/0 dia. must be used with M5 x 10 Allen-head bolts. 3. All the M5-tapped holes must be used with M5 hexagonal flat head bolts. 0 Two, 5.1 +0.2 dia. (for positioning), into which a spring pin is press-fitted. Two, M5 x 0.8 tapped hole (See note 3.) Note: 1. Four hexagonal flat head bolts (M5 x 0.8, length: 10), two Allen-head bolts (M5 x 0.8, length: 15), and two spring pins (4 x 14) are includ- ed. 2. All the holes with 5.2+0.2/0 dia. must be used with M5 x 10 Allen-head bolts. 3. All the M5-tapped holes must be used with M5 hexagonal flat head bolts. 0 Four, 5.2 +0.2 dia. holes (See note 2.) 0 Four, 5.2 +0.2 dia. holes (See note 2.) |
Similar Part No. - XS2F-A421-G90-A |
|
Similar Description - XS2F-A421-G90-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |