Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCN1-1C Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # DCN1-1C
Description  General-purpose Peripheral Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DCN1-1C Datasheet(HTML) 3 Page - Omron Electronics LLC

  DCN1-1C Datasheet HTML 1Page - Omron Electronics LLC DCN1-1C Datasheet HTML 2Page - Omron Electronics LLC DCN1-1C Datasheet HTML 3Page - Omron Electronics LLC DCN1-1C Datasheet HTML 4Page - Omron Electronics LLC DCN1-1C Datasheet HTML 5Page - Omron Electronics LLC DCN1-1C Datasheet HTML 6Page - Omron Electronics LLC DCN1-1C Datasheet HTML 7Page - Omron Electronics LLC DCN1-1C Datasheet HTML 8Page - Omron Electronics LLC DCN1-1C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
156
Peripheral Devices
● Peripheral Devices for Flat Cables
Specifications
● General-purpose Models (T-branch Taps)
Product
Appearance
Model
Specifications
Connector for Flat
Cable
DCN4-SF4D
Connector with lock screws for crimping flat cable
Conversion Connector
for Standard Thin
Cable and Flat Cable
DCN4-BR4D
Used as a set with a DCN4-TR4 when Thin Cable is branched on a branch
line.
Power Supply
Terminal Block with
Terminating
Resistance for Flat
Cable
DCN4-TP4D
Can be used to supply communications power from terminals when Flat
Cable is used.
Flat Connector Socket
DCN4-TR4
Used as a set with a DCN4-BR4 Flat Connector Plug in the following
applications.
• Extending the trunk line
• T-branching the trunk line into branch lines
Used alone in the following applications.
• Connecting a DCN4-TM4 Terminating Resistor to the trunk line
Flat Connector Plug
DCN4-BR4
Used as a set with a DCN4-TR4 Flat Connector Socket in the following
applications.
• Extending the trunk line
• T-branching the trunk line into branch lines
Terminating Resistor
DCN4-TM4
Connector terminating resistor for flat cable. Attached to the DCN4-TR4 Flat
Connector Socket at the end of the trunk line.
Flat Cable
DCA4-4F10
Four-core flat cable (UL 2555)
Length: 100 m
Conductor diameters: 0.75 mm2 x 2, 0.5 mm2 x 2
Simple Manual Crimp
Tool
DWT-A01
Crimping tool for DCN4-TR4 Flat Connector Socket or DCN4-BR4 Flat
Connector Plug.
Rated current
Between main lines: 8 A (power supply line) and 2 A
(signal line)
Between main and branch lines: 3 A (power supply line)
and 1 A (signal line)
Insulation resistance 100 MΩ min. (at 500 VDC)
Dielectric strength
500 VAC for 1 min, leakage current: 1 mA max.
Ambient operating
temperature
0°C to 55°C


Similar Part No. - DCN1-1C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DCN1-1C OMRON-DCN1-1C Datasheet
258Kb / 4P
   T-branch Taps and Terminal-block Terminator
DCN1-1C OMRON-DCN1-1C Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
More results

Similar Description - DCN1-1C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DCN2-1 OMRON-DCN2-1 Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
logo
Toshiba Semiconductor
TC9591XBG TOSHIBA-TC9591XBG Datasheet
390Kb / 17P
   Automotive Peripheral Devices
2020-06-05 Rev.1.0
TC9590XBG TOSHIBA-TC9590XBG Datasheet
278Kb / 17P
   Automotive Peripheral Devices
2022-02-24 Rev. 1.4
TC9592XBG TOSHIBA-TC9592XBG Datasheet
680Kb / 24P
   Automotive Peripheral Devices
2022-05-25 Rev 1.2
logo
Sanyo Semicon Device
LC8953 SANYO-LC8953 Datasheet
222Kb / 9P
   General-Purpose 68000 MPU Peripheral Interface LSI
logo
List of Unclassifed Man...
IN3005KB ETC2-IN3005KB Datasheet
488Kb / 3P
   Multimedia Keyboard - Notebook/Laptop Computer Peripheral Devices
IN3000WI ETC2-IN3000WI Datasheet
474Kb / 3P
   Mini Optical Mouse - Notebook/Laptop Computer Peripheral Devices
logo
Rohm
BA13002F ROHM-BA13002F Datasheet
152Kb / 8P
   Interface Driver for microcomputer peripheral and display devices
logo
Microchip Technology
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110_10 Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
PIC24FJ256GA106T-I MICROCHIP-PIC24FJ256GA106T-I Datasheet
3Mb / 292P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com