Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-D421-C80-A Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # XS2F-D421-C80-A
Description  Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D421-C80-A Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button XS2F-D421-C80-A Datasheet HTML 3Page - Omron Electronics LLC XS2F-D421-C80-A Datasheet HTML 4Page - Omron Electronics LLC XS2F-D421-C80-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-D421-C80-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-D421-C80-A Datasheet HTML 7Page - Omron Electronics LLC XS2F-D421-C80-A Datasheet HTML 8Page - Omron Electronics LLC XS2F-D421-C80-A Datasheet HTML 9Page - Omron Electronics LLC XS2F-D421-C80-A Datasheet HTML 10Page - Omron Electronics LLC XS2F-D421-C80-A Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Miniature Limit Switch
D4CC
7
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. The
@ in each model number is replaced with the code expressing the rated load of the model. Refer to Ordering Information.
3. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Limit Switches
4
7.5
8
2
1.4
10.5
(2)
1.5
PT
OP
M12 x 1
23
34
16
2
25
±0.1
1.4
1.5
34
7.5
M12 x 1
23
11.4
8
2
10.5
(2)
2
7
16
38R
44
±0.8
31.5
±0.8
25
±0.1
1.4
1.5
2
23
2
34
10.5
(2)
M12 x 1
PT
OP
2.8
7.5
8
7
16
25
±0.1
16
2.8
7
7.5
8
23
2
1.4
1.5
34
2
M12 x 1
PT
OP
10.5
(2)
25
±0.1
34
16
23
7
7.5
8
2.8
PT
OP
M12 x 1
2
2
1.4
1.5
10.5
(2)
25
±0.1
23
4.5
7.5
8
2
2
34
1.4
1.5
2.8
10.5
(2)
PT
OP
16
M12 x 1
25
±0.1
10 dia. stainless steel plunger
Rubber seal
Indicator
40 max.
57 max.
40 max.
Indicator
50 max.
65 max.
10 dia. stainless steel plunger
Indicator
40 max.
59.5 max.
75 max.
12 dia. x 5 stainless steel roller
40 max.
16
Indicator
75 max.
59.5 max.
40 max.
12 dia. x 5 stainless steel roller
Indicator
75 max.
59.5 max.
10 dia. stainless steel plunger
40 max.
57 max.
62.2 max.
Indicator
Pin Plunger
D4CC-
@001
Roller Plunger
D4CC-
@002
Crossroller Plunger
D4CC-
@003
Bevel Plunger
D4CC-
@010
Roller Lever
D4CC-
@024
Sealed Pin Plunger
D4CC-
@031
0
Two, 5.1
+0.2 dia.
holes
(counter-sunk
10.2 dia.;
depth: 6)
Correct
setting
position
0
Two, 5.1
+0.2 dia.
holes
(counter-sunk
10.2 dia.;
depth: 6)
Correct
setting
position
0
Two, 5.1
+0.2 dia.
holes
(counter-sunk
10.2 dia.;
depth: 6)
Correct
setting
position
0
Two, 5.1
+0.2 dia.
holes
(counter-sunk
10.2 dia.;
depth: 6)
Correct
setting
position
110.7
max.
17.5 dia. x 7 stainless
sintered roller
M5 Allen-
head bolt
(length: 12)
0
Two, 5.1
+0.2 dia.
holes (counter-sunk
10.2 dia.; depth: 6)
0
Two, 5.1
+0.2 dia.
holes
(counter-sunk
10.2 dia.;
depth: 6)


Similar Part No. - XS2F-D421-C80-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-D80-A OMRON-XS2F-D421-D80-A Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
XS2F-D421-D80-A OMRON-XS2F-D421-D80-A Datasheet
1Mb / 12P
   Mark Sensor
XS2F-D421-D80-F OMRON-XS2F-D421-D80-F Datasheet
147Kb / 9P
   The vast majority of Omron ECB products use the date code as shown in Method A (next slide).
XS2F-D421-D80-F OMRON-XS2F-D421-D80-F Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
XS2F-D421-D80-R OMRON-XS2F-D421-D80-R Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
More results

Similar Description - XS2F-D421-C80-A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-R-M52-E-N18 FESTO-VMEF-R-M52-E-N18 Datasheet
86Kb / 2P
   Roller lever valve
VMEF-R-M52-E-G14 FESTO-VMEF-R-M52-E-G14 Datasheet
84Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G18 FESTO-VMEF-R-M52-M-G18 Datasheet
87Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-G14 FESTO-VMEF-RT-M32-M-G14 Datasheet
88Kb / 2P
   Roller lever valve
8985 FESTO-8985 Datasheet
87Kb / 1P
   Roller lever valve
4/8/22
VMEF-K-M52-M-N18 FESTO-VMEF-K-M52-M-N18 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-N14 FESTO-VMEF-R-M52-M-N14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G14 FESTO-VMEF-R-M52-M-G14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-N18 FESTO-VMEF-RT-M32-M-N18 Datasheet
88Kb / 2P
   Roller lever valve
8996 FESTO-8996 Datasheet
91Kb / 1P
   Roller lever valve
4/8/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com