Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-D421-D80-A Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # XS2F-D421-D80-A
Description  Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D421-D80-A Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button XS2F-D421-D80-A Datasheet HTML 4Page - Omron Electronics LLC XS2F-D421-D80-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-D421-D80-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-D421-D80-A Datasheet HTML 7Page - Omron Electronics LLC XS2F-D421-D80-A Datasheet HTML 8Page - Omron Electronics LLC XS2F-D421-D80-A Datasheet HTML 9Page - Omron Electronics LLC XS2F-D421-D80-A Datasheet HTML 10Page - Omron Electronics LLC XS2F-D421-D80-A Datasheet HTML 11Page - Omron Electronics LLC XS2F-D421-D80-A Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Miniature Limit Switch
D4CC
9
Plugs
11
23
(2)
8
34
2
18.9
65.65
7
7.5
1.4
1.5
16
M12 x 1
25
±0.1
38R
40 max.
110.7 max.
Indicator
Center Roller Lever
D4CC-
@@60
17.5 dia. x 7
stainless steel roller
0
Two, 5.1
+0.2 dia.
holes
(counter-sunk
10.2 dia.;
depth: 6)
1 m
2 m
5 m
10 m
Model
Cable length (L)
XS2F-D421-C
@-A
XS2F-D421-D
@-A
XS2F-D421-G
@-A
XS2F-D421-J
@-A
5 dia.
5 dia.
14.9 dia.
6 dia.
XS2F-D421-
@80-A (DC)
XS2F-A421-
@90-A (AC)
(Straight Type)


Similar Part No. - XS2F-D421-D80-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-D80-A OMRON-XS2F-D421-D80-A Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
XS2F-D421-D80-A OMRON-XS2F-D421-D80-A Datasheet
1Mb / 12P
   Mark Sensor
More results

Similar Description - XS2F-D421-D80-A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-R-M52-E-N18 FESTO-VMEF-R-M52-E-N18 Datasheet
86Kb / 2P
   Roller lever valve
VMEF-R-M52-E-G14 FESTO-VMEF-R-M52-E-G14 Datasheet
84Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G18 FESTO-VMEF-R-M52-M-G18 Datasheet
87Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-G14 FESTO-VMEF-RT-M32-M-G14 Datasheet
88Kb / 2P
   Roller lever valve
8985 FESTO-8985 Datasheet
87Kb / 1P
   Roller lever valve
4/8/22
VMEF-K-M52-M-N18 FESTO-VMEF-K-M52-M-N18 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-N14 FESTO-VMEF-R-M52-M-N14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G14 FESTO-VMEF-R-M52-M-G14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-N18 FESTO-VMEF-RT-M32-M-N18 Datasheet
88Kb / 2P
   Roller lever valve
8996 FESTO-8996 Datasheet
91Kb / 1P
   Roller lever valve
4/8/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com