Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCD1210JB16TA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXCD1210JB16TA
Description  High performance analog input Class D modulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCD1210JB16TA Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXCD1210JB16TA Datasheet HTML 1Page - Diodes Incorporated ZXCD1210JB16TA Datasheet HTML 2Page - Diodes Incorporated ZXCD1210JB16TA Datasheet HTML 3Page - Diodes Incorporated ZXCD1210JB16TA Datasheet HTML 4Page - Diodes Incorporated ZXCD1210JB16TA Datasheet HTML 5Page - Diodes Incorporated ZXCD1210JB16TA Datasheet HTML 6Page - Diodes Incorporated ZXCD1210JB16TA Datasheet HTML 7Page - Diodes Incorporated ZXCD1210JB16TA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZXCD1210
Issue 2 - October 2007
5
www.zetex.com
© Zetex Semiconductors plc 2007
Applications information
The high performance ZXCD1210 modulator IC forms the heart of the Zetex series of analog input
Class D amplifier reference designs. The modulator device provides complete control of the
modulation function.
Details of these reference designs are contained in individual data sheets: ZXCDSUBEV series,
ZXCD50STEVAL and ZXCD100MOEVAL as well as the ZXCD series design guide.
The ZXCDSUBEV series of reference circuits are specifically designed for subwoofer applications.
These switching amplifiers owe much of their outstanding audio performance to a unique
feedback architecture designed to reduce distortion. By taking its feedback signal from the filtered
amplifier output, the high gain circuit design compensates for bridge mismatches and filter non-
linearities, to achieve a reduction in THD+N across the entire power band.
ZXCDSUBEV series architecture
ZXCDSUBEV series THD+N versus power
PWM
output
Output
bridge
Filter
Audio
input
Gate
driver
+
-
DC
Servo
AC comp
network
Feedback circuits
Bridge
supply
Input
buffering
and bias
Mute
ZXCD1210
+
-
DC
Servo
AC comp
network
Feedback circuits
Mute
ZXCD1210
0.02
0.3
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0.26
0.28
100m
500
200m
500m
1
2
5
10
20
50
100
200
Output Power (W)
0.02
0.3
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0.26
0.28
100m
500
200m
500m
1
2
5
10
20
50
100
200
Output Power (W)


Similar Part No. - ZXCD1210JB16TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCD1210JB16 DIODES-ZXCD1210JB16 Datasheet
242Kb / 8P
   High performance analog input Class D modulator
More results

Similar Description - ZXCD1210JB16TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCD1210 DIODES-ZXCD1210 Datasheet
242Kb / 8P
   High performance analog input Class D modulator
logo
List of Unclassifed Man...
NJU8753 ETC1-NJU8753 Datasheet
104Kb / 7P
   Analog Signal Input Class D Amplifier
logo
Rohm
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_13 Datasheet
667Kb / 25P
   Analog Input Stereo Class-D Speaker Amplifier
BD5632NUX ROHM-BD5632NUX_10 Datasheet
400Kb / 15P
   Analog Input Monaural Class-D Speaker Amplifiers
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
BD5634NUX-TR ROHM-BD5634NUX-TR Datasheet
521Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifiers
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com