Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-D421-G80-A Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # XS2F-D421-G80-A
Description  Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D421-G80-A Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button XS2F-D421-G80-A Datasheet HTML 4Page - Omron Electronics LLC XS2F-D421-G80-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-D421-G80-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-D421-G80-A Datasheet HTML 7Page - Omron Electronics LLC XS2F-D421-G80-A Datasheet HTML 8Page - Omron Electronics LLC XS2F-D421-G80-A Datasheet HTML 9Page - Omron Electronics LLC XS2F-D421-G80-A Datasheet HTML 10Page - Omron Electronics LLC XS2F-D421-G80-A Datasheet HTML 11Page - Omron Electronics LLC XS2F-D421-G80-A Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Miniature Limit Switch
D4CC
11
Precautions
■ Correct Use
Mounting
Make sure that the plate to which the D4CC is mounted is flat. If the
plate is warped or has protruding parts, the D4CC may not malfunc-
tion.
Mounting Holes
A maximum of 6 Switches may be group-mounted. In this case, pay
attention to the mounting direction so that the convex part of the
group-mounting guide on one Switch fits into the concave part of the
guide on the other Switch as shown in the figure below. For group
mounting, the mounting panel must have a thickness (t) of 6 mm min.
Group Mounting
Tightening Torque
Be sure to tighten each screw to the proper tightening torque as
shown in the table.
Note: By removing the two screws from the head, the head direction
can be rotated 180
°. After changing the head direction, re-tight-
en to the torque specified above. Be careful not to allow any for-
eign substance to enter the Switch.
Plug Tightening
Connect the plug connector (B) to the connector threads of the
D4CC. Then firmly turn the plug connector by hand so that the con-
nector threaded portion (C) will be completely covered by the plug
connector (B) so that space (A) will be almost 0. Do not use any
tools, such as pliers, to tighten the plug connector, otherwise the plug
connector may become damaged. Make sure, however, that the plug
connector is tightened securely, otherwise the rated degree of pro-
tection of the D4CC may not be maintained. Furthermore, the plug
connector may be loosened by vibration.
Properly Tightened Connector
25
±0.1
Two, 5.2-dia. or
M5 screw holes
Group-mounting guide
(Front: convex
Rear:
concave)
16 mm
t
Mounting plate
No.
Type
Torque
1
M5 Allen-head bolt
4.90 to 5.88 N·m
2
M3.5 head mounting screw
0.78 to 0.88 N·m
3
M5 Allen-head bolt
4.90 to 5.88 N·m
(B)
(C)
(A)
D4CC
(A)
(B)
D4CC


Similar Part No. - XS2F-D421-G80-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-G80-A OMRON-XS2F-D421-G80-A Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
XS2F-D421-G80-A OMRON-XS2F-D421-G80-A Datasheet
1Mb / 12P
   Mark Sensor
More results

Similar Description - XS2F-D421-G80-A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-R-M52-E-N18 FESTO-VMEF-R-M52-E-N18 Datasheet
86Kb / 2P
   Roller lever valve
VMEF-R-M52-E-G14 FESTO-VMEF-R-M52-E-G14 Datasheet
84Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G18 FESTO-VMEF-R-M52-M-G18 Datasheet
87Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-G14 FESTO-VMEF-RT-M32-M-G14 Datasheet
88Kb / 2P
   Roller lever valve
8985 FESTO-8985 Datasheet
87Kb / 1P
   Roller lever valve
4/8/22
VMEF-K-M52-M-N18 FESTO-VMEF-K-M52-M-N18 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-N14 FESTO-VMEF-R-M52-M-N14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G14 FESTO-VMEF-R-M52-M-G14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-N18 FESTO-VMEF-RT-M32-M-N18 Datasheet
88Kb / 2P
   Roller lever valve
8996 FESTO-8996 Datasheet
91Kb / 1P
   Roller lever valve
4/8/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com