Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-D421-J80-A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XS2F-D421-J80-A
Description  Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D421-J80-A Datasheet(HTML) 4 Page - Omron Electronics LLC

  XS2F-D421-J80-A Datasheet HTML 1Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 2Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 3Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 4Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 7Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 8Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Miniature Limit Switch
D4CC
■ Characteristics
Note: 1. The above figures are initial values.
2. The values are calculated at an operating temperature of 5
°C to 35°C, and an operating humidity of 40% to 70%. Contact your OMRON
sales representative for more detailed information on other operating environments.
3. Excluding plastic rod models.
Leakage Current (for Switches with Indicators)
The leakage current and resistance of Switches with indicators are as follows:
■ Operating Characteristics
Degree of protection
IP67
Durability (see note 2)
Mechanical: 10,000,000 operations min.
Electrical:
200,000 operations min. (1 A at 125 VAC, resistive load)
Operating speed
Plunger:
0.1 mm to 0.5 m/s
Roller lever: 1 mm to 1 m/s
Operating frequency
Mechanical: 120 operations/min
Electrical:
30 operations/min
Rated frequency
50/60 Hz
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance (initial)
100 m
Ω max.
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min between terminals of same polarity
1,500 VAC, 50/60 Hz for 1 min between current-carrying metal parts and ground, and between each
terminal and non-current-carrying metal part
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude (see note 3)
Shock resistance
Destruction: 1,000 m/s2 min.
Malfunction: 500 m/s2 min.
Ambient temperature
Operating: –10
°C to 70°C (with no icing)
Ambient humidity
Operating: 95% max.
Weight
Approx. 120 g (in the case of D4CC-1002)
Item
D4CC-2
@@@
D4CC-4
@@@
Voltage
125 VAC
30 VDC
Leakage current
1.0 mA
1.0 mA
Resistive value
150 k
30 k
Model
D4CC-
@001
D4CC-
@002
D4CC-
@003
D4CC-
@010
D4CC-
@024
OF max.
11.77 N
11.77 N
11.77 N
11.77 N
5.69 N
RF min.
4.41 N
4.41 N
4.41 N
4.41 N
1.47 N
PT max.
1.8 mm
1.8 mm
1.8 mm
1.8 mm
10
±3°
OT min.
3 mm
3 mm
3 mm
3 mm
50
°
MD max.
0.2 mm
0.2 mm
0.2 mm
0.2 mm
3
°
OP
15.7
±1 mm
28.5
±1 mm
28.5
±1 mm
28.5
±1 mm
---
Model
D4CC-
@031
D4CC-
@032
D4CC-
@033
D4CC-
@041
D4CC-
@042
D4CC-
@043
OF max.
17.65 N
17.65 N
17.65 N
11.77 N
11.77 N
11.77 N
RF min.
4.41 N
4.41 N
4.41 N
4.41 N
4.41 N
4.41 N
PT max.
1.8 mm
1.8 mm
1.8 mm
1.8 mm
1.8 mm
1.8 mm
OT min.
3 mm
3 mm
3 mm
3 mm
3 mm
3 mm
MD max.
0.2 mm
0.2 mm
0.2 mm
0.2 mm
0.2 mm
0.2 mm
OP
24.9
±1 mm
34.3
±1 mm
34.3
±1 mm
31.2
±1 mm
36.8
±1 mm
36.8
±1 mm
TT
(reference value)
(5) mm
(5) mm
(5) mm
(5) mm
(5) mm
(5) mm
Model
D4CC-
@050
D4CC-
@060
OF max.
1.47 N
6.67 N
RF min.
---
1.47 N
PT max.
15
°
10
±3°
OT min.
---
50
°
MD max.
---
3
°


Similar Part No. - XS2F-D421-J80-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-D80-A OMRON-XS2F-D421-D80-A Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
XS2F-D421-D80-A OMRON-XS2F-D421-D80-A Datasheet
1Mb / 12P
   Mark Sensor
XS2F-D421-D80-F OMRON-XS2F-D421-D80-F Datasheet
147Kb / 9P
   The vast majority of Omron ECB products use the date code as shown in Method A (next slide).
XS2F-D421-D80-F OMRON-XS2F-D421-D80-F Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
XS2F-D421-D80-R OMRON-XS2F-D421-D80-R Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
More results

Similar Description - XS2F-D421-J80-A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-R-M52-E-N18 FESTO-VMEF-R-M52-E-N18 Datasheet
86Kb / 2P
   Roller lever valve
VMEF-R-M52-E-G14 FESTO-VMEF-R-M52-E-G14 Datasheet
84Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G18 FESTO-VMEF-R-M52-M-G18 Datasheet
87Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-G14 FESTO-VMEF-RT-M32-M-G14 Datasheet
88Kb / 2P
   Roller lever valve
8985 FESTO-8985 Datasheet
87Kb / 1P
   Roller lever valve
4/8/22
VMEF-K-M52-M-N18 FESTO-VMEF-K-M52-M-N18 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-N14 FESTO-VMEF-R-M52-M-N14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G14 FESTO-VMEF-R-M52-M-G14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-N18 FESTO-VMEF-RT-M32-M-N18 Datasheet
88Kb / 2P
   Roller lever valve
8996 FESTO-8996 Datasheet
91Kb / 1P
   Roller lever valve
4/8/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com