Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-D421-J80-A Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # XS2F-D421-J80-A
Description  Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D421-J80-A Datasheet(HTML) 5 Page - Omron Electronics LLC

  XS2F-D421-J80-A Datasheet HTML 1Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 2Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 3Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 4Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 7Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 8Page - Omron Electronics LLC XS2F-D421-J80-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Miniature Limit Switch
D4CC
5
■ Contact Form
AC Switches (D4CC-10
@@, 20@@)
Note 1. "Lights when operated" means that when the actuator is turned or pushed and the Limit Switch contact leaves the NC side, the indicator
lights.
2. "Lights when not in operation" means that when the actuator is in the free position, the indicator is lit, and when the actuator is turned or
pushed and the contact comes into contact with the NO side, the indicator turns OFF.
DC Switches (D4CC-30
@@, 40@@)
Note 1. "Lights when operated" means that when the actuator is turned or pushed and the Limit Switch contact leaves the NC side, the indicator
lights.
2. "Lights when not in operation" means that when the actuator is in the free position, the indicator is lit, and when the actuator is turned or
pushed and the contact comes into contact with the NO side, the indicator turns OFF.
Plugs
NC
COM
E
NO
NO
COM
NC
E
(2)
(3)
(1)
(4)
NO
COM
NC
E
(2)
(3)
(1)
(4)
With LED Indicator
(lights when operated)
Pin No.
Pin No.
Without Indicator
With Indicator
Note: The indicators of these models are lit when
the Switches are not actuated. When the
Switches are actuated, the indicator are off.
NO
COM
NC
E
(2)
(3)
(1)
(4)
Pin No.
NC
COM
NO
E
NO
COM
NC
E
(2)
(3)
(1)
(4)
NO
COM
NC
E
(2)
(3)
(1)
(4)
Pin No.
Pin No.
Without Indicator
With Indicator
Note: The indicators of these models are lit when
the Switches are not actuated. When the
Switches are actuated, the indicator are off.
With LED Indicator
(lights when operated)
NO
COM
NC
E
(2)
(3)
(1)
(4)
Pin No.
Pin No.
1. Brown
2. White
3. Blue
4. Black
Plug
Cable
Pin No.
1. Brown
2. White
3. Blue
4. Black
Plug
Cable
AC Type
DC Type


Similar Part No. - XS2F-D421-J80-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-D80-A OMRON-XS2F-D421-D80-A Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
XS2F-D421-D80-A OMRON-XS2F-D421-D80-A Datasheet
1Mb / 12P
   Mark Sensor
XS2F-D421-D80-F OMRON-XS2F-D421-D80-F Datasheet
147Kb / 9P
   The vast majority of Omron ECB products use the date code as shown in Method A (next slide).
XS2F-D421-D80-F OMRON-XS2F-D421-D80-F Datasheet
10Mb / 52P
   Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
XS2F-D421-D80-R OMRON-XS2F-D421-D80-R Datasheet
2Mb / 24P
   Photoelectric Sensors E3F2
More results

Similar Description - XS2F-D421-J80-A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-R-M52-E-N18 FESTO-VMEF-R-M52-E-N18 Datasheet
86Kb / 2P
   Roller lever valve
VMEF-R-M52-E-G14 FESTO-VMEF-R-M52-E-G14 Datasheet
84Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G18 FESTO-VMEF-R-M52-M-G18 Datasheet
87Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-G14 FESTO-VMEF-RT-M32-M-G14 Datasheet
88Kb / 2P
   Roller lever valve
8985 FESTO-8985 Datasheet
87Kb / 1P
   Roller lever valve
4/8/22
VMEF-K-M52-M-N18 FESTO-VMEF-K-M52-M-N18 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-N14 FESTO-VMEF-R-M52-M-N14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G14 FESTO-VMEF-R-M52-M-G14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-N18 FESTO-VMEF-RT-M32-M-N18 Datasheet
88Kb / 2P
   Roller lever valve
8996 FESTO-8996 Datasheet
91Kb / 1P
   Roller lever valve
4/8/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com