Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4C-P001 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D4C-P001
Description  Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4C-P001 Datasheet(HTML) 3 Page - Omron Electronics LLC

  D4C-P001 Datasheet HTML 1Page - Omron Electronics LLC D4C-P001 Datasheet HTML 2Page - Omron Electronics LLC D4C-P001 Datasheet HTML 3Page - Omron Electronics LLC D4C-P001 Datasheet HTML 4Page - Omron Electronics LLC D4C-P001 Datasheet HTML 5Page - Omron Electronics LLC D4C-P001 Datasheet HTML 6Page - Omron Electronics LLC D4C-P001 Datasheet HTML 7Page - Omron Electronics LLC D4C-P001 Datasheet HTML 8Page - Omron Electronics LLC D4C-P001 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Miniature Limit Switch
D4CC
3
Special Mounting Plate
It is possible to replace an WL Limit Switch with a D4CC Limit Switch
mounted on this plate without changing the position of the dog or
cam.
The following is the conversion table:
Example
Remarks
There is no difference in mounting pitch between the Mounting Plate
and the WL. The mounting depth of the D4CC with the Mounting
Plate attached is, however, shorter than that of the panel-mounted
WL.
Specifications
■ Approved Standards
■ Approved Standard Ratings
UL-CSA
D4CC-1, D4CC-2
D150
■ Ratings
Note: 1. The above current ratings are for steady-state current.
2. Inductive loads have a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC).
3. Lamp loads have an inrush current of 10 times the steady-state current.
4. Motor loads have an inrush current of 6 times the steady-state current.
D4CC-3, D4CC-4, 1 A at 30 VDC
WL
D4C
Plate model
Top plunger:
WLD
Plunger: D4CC-
@001
D4C-P001
Top roller plunger:
WLD2
Roller plunger:
D4CC-
@002
D4C-P002
Roller lever:
WLG2
Roller lever:
D4CC-
@024
D4C-P020
Dog
Dog
Mounting
plate
Plate
Agency
Standard
File No.
UL
UL508
E76675
CSA
CSA C22.2 No. 14
LR45746
Rated
voltage
Carry
current
Current
Volt-amperes
Make
Break
Make
Break
120 VAC
1.0 A
3.6 A
0.6 A
432 VA
72 VA
Rated voltage
Non-inductive load
Inductive load
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
1 A
1 A
1 A
0.7 A
1 A
1 A
1 A
1 A
30 VDC
1 A
1 A1 A1 A
1 A
1 A
1 A
1 A
Inrush current
NC
5 A max.
NO
2.5 A max.


Similar Part No. - D4C-P001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4C0112N ETC2-D4C0112N Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D4C0112S ETC2-D4C0112S Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D4C0206N ETC2-D4C0206N Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D4C0206S ETC2-D4C0206S Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D4C0212N ETC2-D4C0212N Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
More results

Similar Description - D4C-P001

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-R-M52-E-N18 FESTO-VMEF-R-M52-E-N18 Datasheet
86Kb / 2P
   Roller lever valve
VMEF-R-M52-E-G14 FESTO-VMEF-R-M52-E-G14 Datasheet
84Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G18 FESTO-VMEF-R-M52-M-G18 Datasheet
87Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-G14 FESTO-VMEF-RT-M32-M-G14 Datasheet
88Kb / 2P
   Roller lever valve
8985 FESTO-8985 Datasheet
87Kb / 1P
   Roller lever valve
4/8/22
VMEF-K-M52-M-N18 FESTO-VMEF-K-M52-M-N18 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-N14 FESTO-VMEF-R-M52-M-N14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G14 FESTO-VMEF-R-M52-M-G14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-N18 FESTO-VMEF-RT-M32-M-N18 Datasheet
88Kb / 2P
   Roller lever valve
8996 FESTO-8996 Datasheet
91Kb / 1P
   Roller lever valve
4/8/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com