Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4C-P002 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # D4C-P002
Description  Many Models Including Roller Lever Switches are Only 16-mm Thick with Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4C-P002 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button D4C-P002 Datasheet HTML 4Page - Omron Electronics LLC D4C-P002 Datasheet HTML 5Page - Omron Electronics LLC D4C-P002 Datasheet HTML 6Page - Omron Electronics LLC D4C-P002 Datasheet HTML 7Page - Omron Electronics LLC D4C-P002 Datasheet HTML 8Page - Omron Electronics LLC D4C-P002 Datasheet HTML 9Page - Omron Electronics LLC D4C-P002 Datasheet HTML 10Page - Omron Electronics LLC D4C-P002 Datasheet HTML 11Page - Omron Electronics LLC D4C-P002 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Miniature Limit Switch
D4CC
Special Mounting Plates
(Limit Switches are not attached to the Plates.)
95
13.1
1.3
7
18.3
15.7
34.1
30
44
30
±0.2
58.7
±0.2
4-R2
25
±0.2
5.1
±0.2
11 dia.
D4C-P001 (For D4CC-
@001)
34
(OP of WLD)
Two, M5 x 0.8
tapped hole
(See note 3.)
Note: 1. Four hexagonal flat head bolts (M5 x
0.8, length: 10) and two Allen-head
bolts (M5 x 0.8, length: 15) are included.
2. All the holes with 5.2+0.2/0 dia. must be used
with M5 x 10 Allen-head bolts.
3. All the M5-tapped holes must be used with M5
hexagonal flat head bolts.
0
Four, 5.2
+0.2 dia. holes
(See note 2.)
4-R2
14.7
34.1
30
44
75
1.3
53
±1.5
9
±0.2
5
±0.2
9.2
±0.2
30
±0.2
58.7
±0.2
25
±0.2
15.5
9.5
28.5
34.1
30
44
95
1.3
13.1
4-R2
30
±0.2
58.7
±0.2
25
±0.2
5.1
±0.2
11 dia.
D4C-P002 (For D4CC-
@002)
D4C-P020 (For D4CC-
@024)
44
(OP of
WLD2)
Two, M5 x 0.8
tapped hole
(See note 3.)
Note: 1. Four hexagonal flat head bolts (M5
x 0.8, length: 10) and two Allen-
head bolts (M5 x 0.8, length: 15)
are included.
2. All the holes with 5.2+0.2/0 dia. must be
used with M5 x 10 Allen-head bolts.
3. All the M5-tapped holes must be used
with M5 hexagonal flat head bolts.
0
Two, 5.1
+0.2 dia.
(for positioning), into which a
spring pin is press-fitted.
Two, M5 x 0.8
tapped hole
(See note 3.)
Note: 1. Four hexagonal flat head bolts (M5
x 0.8, length: 10), two Allen-head
bolts (M5 x 0.8, length: 15), and
two spring pins (4 x 14) are includ-
ed.
2. All the holes with 5.2+0.2/0 dia. must be
used with M5 x 10 Allen-head bolts.
3. All the M5-tapped holes must be used
with M5 hexagonal flat head bolts.
0
Four, 5.2
+0.2 dia. holes
(See note 2.)
0
Four, 5.2
+0.2 dia. holes
(See note 2.)


Similar Part No. - D4C-P002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4C0112N ETC2-D4C0112N Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D4C0112S ETC2-D4C0112S Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D4C0206N ETC2-D4C0206N Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D4C0206S ETC2-D4C0206S Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
D4C0212N ETC2-D4C0212N Datasheet
82Kb / 2P
   1.437 DIAMETER 1.5 AMPS 28 VDC
More results

Similar Description - D4C-P002

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VMEF-R-M52-E-N18 FESTO-VMEF-R-M52-E-N18 Datasheet
86Kb / 2P
   Roller lever valve
VMEF-R-M52-E-G14 FESTO-VMEF-R-M52-E-G14 Datasheet
84Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G18 FESTO-VMEF-R-M52-M-G18 Datasheet
87Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-G14 FESTO-VMEF-RT-M32-M-G14 Datasheet
88Kb / 2P
   Roller lever valve
8985 FESTO-8985 Datasheet
87Kb / 1P
   Roller lever valve
4/8/22
VMEF-K-M52-M-N18 FESTO-VMEF-K-M52-M-N18 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-N14 FESTO-VMEF-R-M52-M-N14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-R-M52-M-G14 FESTO-VMEF-R-M52-M-G14 Datasheet
85Kb / 2P
   Roller lever valve
VMEF-RT-M32-M-N18 FESTO-VMEF-RT-M32-M-N18 Datasheet
88Kb / 2P
   Roller lever valve
8996 FESTO-8996 Datasheet
91Kb / 1P
   Roller lever valve
4/8/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com