Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2E-X2D2-N Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E2E-X2D2-N
Description  Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X2D2-N Datasheet(HTML) 3 Page - Omron Electronics LLC

  E2E-X2D2-N Datasheet HTML 1Page - Omron Electronics LLC E2E-X2D2-N Datasheet HTML 2Page - Omron Electronics LLC E2E-X2D2-N Datasheet HTML 3Page - Omron Electronics LLC E2E-X2D2-N Datasheet HTML 4Page - Omron Electronics LLC E2E-X2D2-N Datasheet HTML 5Page - Omron Electronics LLC E2E-X2D2-N Datasheet HTML 6Page - Omron Electronics LLC E2E-X2D2-N Datasheet HTML 7Page - Omron Electronics LLC E2E-X2D2-N Datasheet HTML 8Page - Omron Electronics LLC E2E-X2D2-N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
E2E
3
Models Listed by E2E Type
●: Standard Models, ▲: Different frequency, @: Self-diagnosis, ■: Different frequency and self-diagnosis,
---: Not listed
2-Wire Models
Oil-resistant
reinforced
PUR cable
Standard cable and flexible cable
(cable material: oil-resistant PVC)/Connector models
Page
DC
Shield-
ed
M8
2 m
Yes
NO
●●
●●
---
●●
Refer to
page 7.
Refer to
Models
with Self-
diagnostic
Output on
page 8.
Refer to
Models
with con-
ventional
connector
pin assign-
ments on
page 9.
Refer
to page
29.
NC
---
---
---
M12
3 mm
Yes
NO
●●
●▲@■●
●▲@
---
NC
---
---
---
No
NO
---
---
---
---
---
---
---
---
---
NC
---
---
---
---
---
---
---
---
---
---
M18
7 mm
Yes
NO
●●
●▲@■●
●▲@
---
NC
---
---
---
No
NO
---
---
---
---
---
---
---
---
---
NC
---
---
---
---
---
---
---
---
---
M30
10 mm
Yes
NO
●●
●▲@■●
●▲@
---
NC
---
---
---
---
No
NO
---
---
---
---
---
---
---
---
---
NC
---
---
---
---
---
---
---
---
---
Un-
shield-
ed
M8
4 mm
Yes
NO
---
---
---
●●
---
●●
Refer to
page 8.
Refer to
Models
with Self-
diagnostic
Output or
Models
with con-
ventional
connector
pin assign-
ments on
page 9.
NC
---
---
---
---
---
---
M12
8 mm
NO
---
---
●●▲@■●
●▲@
---
NC
---
---
---
---
---
---
---
M18
14 mm
NO
---
---
●●▲@■●
●▲@
---
NC
---
---
---
---
---
---
M30
20 mm
NO
---
---
●●▲@■●
●▲@
---
NC
---
---
---
---
---
---
---
AC
Shield-
ed
M8
1.5 mm
---
NO
---
---
---
---
---
---
---
---
---
Refer
to page
10.
NC
---
---
---
---
---
---
---
---
---
M12
2 mm
NO
---
---
---
●▲
---
●●
---
---
---
NC
---
---
---
---
---
---
---
---
M18
5 mm
NO
---
---
---
●▲
---
●●
---
---
---
NC
---
---
---
---
---
---
---
---
M30
10 mm
NO
---
---
---
●▲
---
●●
---
---
---
NC
---
---
---
---
---
---
---
---
Un-
shield-
ed
M8
2 mm
NO
---
---
---
---
---
---
---
---
---
NC
---
---
---
---
---
---
---
---
---
M12
5 mm
NO
---
---
---
●▲
---
●●
---
---
---
NC
---
---
---
---
---
---
---
---
M18
10 mm
NO
---
---
---
●▲
---
---
---
---
---
NC
---
---
---
---
---
---
---
---
M30
18 mm
NO
---
---
---
●▲
---
---
---
---
---
NC
---
---
---
---
---
---
---
---
AC/DC
Shield-
ed
M12
2 mm
---
NO
---
---
---
---
---
---
---
---
---
NC
---
---
---
---
---
---
---
---
---
---
M18
5 mm
NO
---
---
---
---
---
---
---
---
NC
---
---
---
---
---
---
---
---
---
---
M30
10 mm
NO
---
---
---
---
---
---
---
---
---
NC
---
---
---
---
---
---
---
---
---
---


Similar Part No. - E2E-X2D2-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X2D2-N OMRON-E2E-X2D2-N Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2E-X2D2-N2M OMRON-E2E-X2D2-N2M Datasheet
2Mb / 36P
   Standard Proximity Sensor
E2E-X2D2-N2M OMRON-E2E-X2D2-N2M Datasheet
2Mb / 35P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X2D2-N2M3 OMRON-E2E-X2D2-N2M3 Datasheet
2Mb / 36P
   Standard Proximity Sensor
More results

Similar Description - E2E-X2D2-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X2E1-M1 OMRON-E2E-X2E1-M1 Datasheet
1Mb / 34P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X5E1 OMRON-E2E-X5E1 Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X2D1-N OMRON-E2E-X2D1-N Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2EX1R5E1 OMRON-E2EX1R5E1 Datasheet
2Mb / 35P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
logo
Laird Tech Smart Techno...
LARGE-ENCLOSURE LSTD-LARGE-ENCLOSURE Datasheet
431Kb / 2P
   As the world?셲 leading fabricator of fingerstock
logo
Cynergy3 Co
MP1C CYNERGY3-MP1C Datasheet
1Mb / 2P
   the switch stops the compressor and starts the pump
logo
List of Unclassifed Man...
GT-521S ETC2-GT-521S Datasheet
154Kb / 2P
   Bench unit performance in the palm of your hand.
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Neutrik AG
NA2-IO-DLINE NEUTRIK-NA2-IO-DLINE Datasheet
136Kb / 2P
   Connect your legacy audio gear to the Dante world.
logo
ORION FANS
OD1232-SPOT ORIONFANS-OD1232-SPOT Datasheet
767Kb / 1P
   Extend the Life of Your Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com