Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF20P10471K Datasheet(PDF) 3 Page - AVX Corporation

Part # VF20P10471K
Description  Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VF20P10471K Datasheet(HTML) 3 Page - AVX Corporation

  VF20P10471K Datasheet HTML 1Page - AVX Corporation VF20P10471K Datasheet HTML 2Page - AVX Corporation VF20P10471K Datasheet HTML 3Page - AVX Corporation VF20P10471K Datasheet HTML 4Page - AVX Corporation VF20P10471K Datasheet HTML 5Page - AVX Corporation VF20P10471K Datasheet HTML 6Page - AVX Corporation VF20P10471K Datasheet HTML 7Page - AVX Corporation VF20P10471K Datasheet HTML 8Page - AVX Corporation VF20P10471K Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
20
TPC
UL
(USA and
VE Series
VF Series
Maximum
Nominal voltage
Canadian
P/N codification using
P/N codification using
operating voltage
at 1 mA dc
Standards)
(D
max , Vrms)(dceramic, V1mA)Vrms
V
DC
V
1mA mini
V
1mA nominal
V
1mA maxi
5
VE07P00251K _ _
VF05P10391K _ _
250
320
351
390
429
5
VE09P00251K _ _
VF07P10391K _ _
5
VE13P00251K _ _
VF10P10391K _ _
5
VE17P00251K _ _
VF14P10391K _ _
5
VE24P00251K _ _
VF20P10391K _ _
5
VE07P02750K _ _
VF05P10431K _ _
275
350
387
430
473
5
VE09P02750K _ _
VF07P10431K _ _
5
VE13P02750K _ _
VF10P10431K _ _
5
VE17P02750K _ _
VF14P10431K _ _
5
VE24P02750K _ _
VF20P10431K _ _
5
VE07P00301K _ _
VF05P10471K _ _
300
385
423
470
517
5
VE09P00301K _ _
VF07P10471K _ _
5
VE13P00301K _ _
VF10P10471K _ _
5
VE17P00301K _ _
VF14P10471K _ _
5
VE24P00301K _ _
VF20P10471K _ _
5
VE09P00321K _ _
VF07P10511K _ _
320
420
459
510
561
5
VE13P00321K _ _
VF10P10511K _ _
5
VE17P00321K _ _
VF14P10511K _ _
5
VE24P00321K _ _
VF20P10511K _ _
5
VE09P00351K _ _
VF07P10561K _ _
350
460
504
560
616
5
VE13P00351K _ _
VF10P10561K _ _
5
VE17P00351K _ _
VF14P10561K _ _
5
VE24P00351K _ _
VF20P10561K _ _
5
VE09P03850K _ _
VF07P10621K _ _
385
505
558
620
682
5
VE13P03850K _ _
VF10P10621K _ _
5
VE17P03850K _ _
VF14P10621K _ _
5
VE24P03850K _ _
VF20P10621K _ _
5
VE09P00421K _ _
VF07P10681K _ _
420
560
612
680
748
5
VE13P00421K _ _
VF10P10681K _ _
5
VE17P00421K _ _
VF14P10681K _ _
5
VE24P00421K _ _
VF20P10681K _ _
5
VE13P00441K _ _
VF10P17150K _ _
440
585
643
715
787
5
VE17P00441K _ _
VF14P17150K _ _
5
VE24P00441K _ _
VF20P17150K _ _
5
VE13P00461K _ _
VF10P10751K _ _
460
615
675
750
825
5
VE17P00461K _ _
VF14P10751K _ _
5
VE24P00461K _ _
VF20P10751K _ _
5
VE13P00511K _ _
VF10P10821K _ _
510
670
738
820
902
5
VE17P00511K _ _
VF14P10821K _ _
5
VE24P00511K _ _
VF20P10821K _ _
5
VE13P00551K _ _
VF10P10861K _ _
550
715
774
860
946
5
VE17P00551K _ _
VF14P10861K _ _
5
VE24P00551K _ _
VF20P10861K _ _
5
VE13P05750K _ _
VF10P10911K _ _
575
730
819
910
1001
5
VE17P05750K _ _
VF14P10911K _ _
5
VE24P05750K _ _
VF20P10911K _ _
5
VE13P06250K _ _
VF10P10102K _ _
625
825
900
1000
1100
5
VE17P06250K _ _
VF14P10102K _ _
5
VE24P06250K _ _
VF20P10102K _ _
Zinc Oxide Varistors
VE/VF Types for Heavy Duty Applications (“P Series”)


Similar Part No. - VF20P10471K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VF20P10221K AVX-VF20P10221K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VF20P10241K AVX-VF20P10241K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VF20P10271K AVX-VF20P10271K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VF20P10331K AVX-VF20P10331K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VF20P10361K AVX-VF20P10361K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
More results

Similar Description - VF20P10471K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE24P00131K AVX-VE24P00131K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com