Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLJR476M0103200 Datasheet(PDF) 2 Page - AVX Corporation

Part # TLJR476M0103200
Description  Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLJR476M0103200 Datasheet(HTML) 2 Page - AVX Corporation

  TLJR476M0103200 Datasheet HTML 1Page - AVX Corporation TLJR476M0103200 Datasheet HTML 2Page - AVX Corporation TLJR476M0103200 Datasheet HTML 3Page - AVX Corporation TLJR476M0103200 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SEPTEMBER 2013
I 33
TLJ Series
Tantalum Solid Electrolytic Chip Capacitors
High CV Consumer Series
Capacitance
Rated Voltage DC to 40°C / 0.5DC to 85°C / 0.2DC to 125°C
μF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
35V (V)
6.8
685
10
106
N(2500)
S(2200)
T(1000)
R(2000,3000)
15
156
R(2000)
22
226
N(5400)/R(3500)
K(1800)/N(3800)
T(1000)
R(3800)
K(1700)/N(8000)
K(1500)/N(9600)
33
336
N(8000)/R(3000)
P(3000)/R(3000)
P(3500)
T(1000)
R(3500)/S(1500)
K(1500)/N(4000)
K(1500)/N(8300)
A(600)/G(1500)
47
476
P(3000)/R(3000)
P(700,900,1800,2500)
P(3200)/R(3200)
R(3200)/S(1500)
S(1500)/T(600)
K(1200)/N(8000)
A(500)/G(800)
68
686
P(3000)
S(1500)/T(600)
A(1500)
R(2900)/S(1500)
A(500)/G(800)
A(500,800)/G(800)
A(1400)
100
107
N(5200)/P(2700)
P(5400)/T(800)
H(900)/T(900)
S(1400)
150
157
A(800)/T(800)
A(900)/G(2500)
B(500)
H(900)/T(1200)
W(150,200)
220
227
T(1100)
A(1100)/G(3000)
B(500)/T(2000)
F(300)
H(900)/T(1100)
W(200)
330
337
T(2700)/W(200)
F(300)
470
477
680
687
Y(100,150)
1000
108
1500
158
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
(LETTER DENOTES CASE SIZE)
Available Ratings, (ESR ratings in mOhms in brackets)
Engineering samples - please contact manufacturer
*Codes under development - subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.


Similar Part No. - TLJR476M0103200

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLJR476M010R3200 AVX-TLJR476M010R3200 Datasheet
227Kb / 5P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
More results

Similar Description - TLJR476M0103200

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLJW157M010R0200 AVX-TLJW157M010R0200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJP476M006R2500 AVX-TLJP476M006R2500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M010R1400 AVX-TLJA107M010R1400 Datasheet
227Kb / 5P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA476M010R0600 AVX-TLJA476M010R0600 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLCL226M006RTA AVX-TLCL226M006RTA Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M006XTA AVX-TLCL226M006XTA Datasheet
205Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TCJB227M004R0070 AVX-TCJB227M004R0070 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com