Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCA1-5C10-B Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # DCA1-5C10-B
Description  General-purpose Peripheral Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DCA1-5C10-B Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button DCA1-5C10-B Datasheet HTML 3Page - Omron Electronics LLC DCA1-5C10-B Datasheet HTML 4Page - Omron Electronics LLC DCA1-5C10-B Datasheet HTML 5Page - Omron Electronics LLC DCA1-5C10-B Datasheet HTML 6Page - Omron Electronics LLC DCA1-5C10-B Datasheet HTML 7Page - Omron Electronics LLC DCA1-5C10-B Datasheet HTML 8Page - Omron Electronics LLC DCA1-5C10-B Datasheet HTML 9Page - Omron Electronics LLC DCA1-5C10-B Datasheet HTML 10Page - Omron Electronics LLC DCA1-5C10-B Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
160
Peripheral Devices
■ I/O Connectors for Connector Terminals
●MIL Connectors
Applicable Connectors
* DeviceNet connectors for multi-drop wiring cannot be used with the Hood Cover.
Cable Models
Applicable Cables with Connectors
● Cables with Connectors (1-to-2 Connection)/G79-@@-@-D@
● Cables with Connectors (1-to-1 Connection)/XW2Z-C@@K
● Cables with Crimp Terminals (at the End of Loose Wires)/G79-Y@C-D1
I/O Peripheral Devices
Type
Model
Remarks
Flat Cable Pressure-welded Connectors
XG4M-4030-T
Pressure-welded
Connectors with
Loose Wires
Socket
XG5M-4032-N
Corresponding to 24 AWG
XG5M-4035-N
Corresponding to 28 to 26 AWG
Semicover
XG5S-2001
Hood Cover *
XG5S-4022
Type
Model
Connected device
Applicable models
Cable with Connectors (1:2)
G79-I
@@-@@-D1
G7TC/G70D/G70A
DRT2-ID32ML
G79-M
@@-@@-D1
DRT2-MD32ML
G79-O
@@-@@-D1
DRT2-OD32ML/DRT1-OD32ML-1
G79-I
@@-@@-D2
DRT2-ID32ML-1
G79-M
@@-@@-D2
DRT2-MD32ML-1
Cable with Connector (1:1)
XW2Z-C
@@K
--
All models
Cable with Loose Wires with Crimp Terminals
G79-Y
@00C-D1
Cable with Loose Wires
G79-A
@00C-D1
Appearance
Cable length (mm)
Model
500
250
G79-I50-25-D1
750
500
G79-I75-50-D1
500
250
G79-O50-25-D1
750
500
G79-O75-50-D1
500
250
G79-M50-25-D1
750
500
G79-M75-50-D1
500
250
G79-I50-25-D2
750
500
G79-I75-50-D2
500
250
G79-M50-25-D2
750
500
G79-M75-50-D2
Appearance
Cable length (mm)
Model
250
XW2Z-C25K
500
XW2Z-C50K
Appearance
Cable length (mm)
Model
1,000
G79-Y100C-D1
2,000
G79-Y200C-D1
5,000
G79-Y500C-D1
A
B
Length without any bending
A
B
(120)
L
L
Connected
to device
300
Terminal A
Terminal B


Similar Part No. - DCA1-5C10-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DCA1-5C10 OMRON-DCA1-5C10 Datasheet
258Kb / 4P
   T-branch Taps and Terminal-block Terminator
DCA1-5C10(-B) OMRON-DCA1-5C10(-B) Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
More results

Similar Description - DCA1-5C10-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DCN2-1 OMRON-DCN2-1 Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
logo
Toshiba Semiconductor
TC9591XBG TOSHIBA-TC9591XBG Datasheet
390Kb / 17P
   Automotive Peripheral Devices
2020-06-05 Rev.1.0
TC9590XBG TOSHIBA-TC9590XBG Datasheet
278Kb / 17P
   Automotive Peripheral Devices
2022-02-24 Rev. 1.4
TC9592XBG TOSHIBA-TC9592XBG Datasheet
680Kb / 24P
   Automotive Peripheral Devices
2022-05-25 Rev 1.2
logo
Sanyo Semicon Device
LC8953 SANYO-LC8953 Datasheet
222Kb / 9P
   General-Purpose 68000 MPU Peripheral Interface LSI
logo
List of Unclassifed Man...
IN3005KB ETC2-IN3005KB Datasheet
488Kb / 3P
   Multimedia Keyboard - Notebook/Laptop Computer Peripheral Devices
IN3000WI ETC2-IN3000WI Datasheet
474Kb / 3P
   Mini Optical Mouse - Notebook/Laptop Computer Peripheral Devices
logo
Rohm
BA13002F ROHM-BA13002F Datasheet
152Kb / 8P
   Interface Driver for microcomputer peripheral and display devices
logo
Microchip Technology
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110_10 Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
PIC24FJ256GA106T-I MICROCHIP-PIC24FJ256GA106T-I Datasheet
3Mb / 292P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com