Electronic Components Datasheet Search |
|
E2E-X3D2-U Datasheet(PDF) 9 Page - Omron Electronics LLC |
|
E2E-X3D2-U Datasheet(HTML) 9 Page - Omron Electronics LLC |
9 / 36 page E2E 9 Unshielded DC 2-Wire Models with Self-diagnosis Output [Refer to Dimensions on page 29.] *1. Models with different frequencies are also available. The model number is E2E-X @MD15S (example: E2E-X8MD15S 2M). *2. Refer to page 24 for details. Connector Pin Assignments of DC 2-Wire Models • The connector pin assignments of each New E2E DC 2-Wire Model conform to IEC 947-5-2 Table III. (Only DC 2-Wire Models have been changed in comparison to the previous models.) • The following models with conventional connector pin assignments are available as well. (Only NO Models can be used.) The cable at the right should also be used if the XW3A-P @45-G11 Connector Junction Box is already being used. Models with conventional connector pin assignments are available as well. Note: Refer to page 24 for details. 2-Wire Models Appear- ance Sensing distance Connection method Cable specifications Polar- ity Opera- tion mode Pin arrangement Applicable connector code *2 Model M12 Pre-wired Mod- els (2 m) PVC (oil-resistant) Yes NO --- --- E2E-X8MD1S 2M * M12 Connector Models --- 2: +V and diagnostic output 3: 0 V 4: +V and control output D E2E-X8MD1S-M1 M18 Pre-wired Mod- els (2 m) PVC (oil-resistant) --- --- E2E-X14MD1S 2M * M12 Connector Models --- 2: +V and diagnostic output 3: 0 V 4: +V and control output D E2E-X14MD1S-M1 M30 Pre-wired Mod- els (2 m) PVC (oil-resistant) --- --- E2E-X20MD1S 2M * M12 Connector Models --- 2: +V and diagnostic output 3: 0 V 4: +V and control output D E2E-X20MD1S-M1 8 mm 14 mm 20 mm Cable length Model 500 mm XS2W-D421-BY1 3 4 4 1 Internal Wiring (Proximity Sensor end) (Wired end) Appearance Model NO Applicable connector code * NC Applicable connector code * M8 E2E-X2D1-M1 C E2E-X2D2-M1 D M12 E2E-X3D1-M1 C E2E-X3D2-M1 D M18 E2E-X7D1-M1 C E2E-X7D2-M1 D M30 E2E-X10D1-M1 C E2E-X10D2-M1 D M8 E2E-X4MD1-M1 C E2E-X4MD2-M1 D M12 E2E-X8MD1-M1 C E2E-X8MD2-M1 D M18 E2E-X14MD1-M1 C E2E-X14MD2-M1 D M30 E2E-X20MD1-M1 C E2E-X20MD2-M1 D Shielded Unshielded |
Similar Part No. - E2E-X3D2-U |
|
Similar Description - E2E-X3D2-U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |