Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF20P10561K Datasheet(PDF) 2 Page - AVX Corporation

Part # VF20P10561K
Description  Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VF20P10561K Datasheet(HTML) 2 Page - AVX Corporation

  VF20P10561K Datasheet HTML 1Page - AVX Corporation VF20P10561K Datasheet HTML 2Page - AVX Corporation VF20P10561K Datasheet HTML 3Page - AVX Corporation VF20P10561K Datasheet HTML 4Page - AVX Corporation VF20P10561K Datasheet HTML 5Page - AVX Corporation VF20P10561K Datasheet HTML 6Page - AVX Corporation VF20P10561K Datasheet HTML 7Page - AVX Corporation VF20P10561K Datasheet HTML 8Page - AVX Corporation VF20P10561K Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TPC
19
* VE13 / VF10: For models with V
RMS
≤ 320 V
other version/suffixes available with:
E = 5.08 (0.20) Suffix:
Ø = 0.6 (.024) Bulk: HB
D = 12.5 (.492) max Tape: DA, DB, DC,
DD, DQ, ...
**VE24 / VF20: For lead diameter = 1.0 (.039),
please consult us.
GENERAL CHARACTERISTICS
Storage temperature:
-40°C to +125°C
Max. operating temperature: +85°C
Response time:
< 25 ns
Voltage coefficient temp.:
K < 0.09%/°C
Voltage proof:
2500 V
Epoxy coating:
Flame retardant
UL94-VO
MARKING
Type
AC nominal voltage (EIA coding) for VE types
V
1mA varistor voltage (EIA coding) for VF types
Logo
UL logo (when approved)
Lot number (VE13/17/24 and VF10/14/20 only)
D
Maximum
ø
Type
Type Ceramic
coated
H
t
+10%
E
diameter diameter
max.
max. –0.05 (.002)
± 0.8
VE07
VF05
5 (.196)
7 (.275) 10 (.394)
0.6 (.024) 5.08 (0.20)
VE09
VF07
7 (.275)
9 (.354) 12 (.472)
0.6 (.024) 5.08 (0.20)
VE13* VF10* 10 (.393) 13* (.512) 16 (.630) see
0.8* (.031) 7.62*(0.30)
VE17
VF14
14 (.551) 17 (.669) 20 (.787) table 0.8 (.031) 7.62 (0.30)
VE24** VF20** 20 (.787) 24 (.945) 27 (1.06)
0.8** (.031) 7.62 (0.30)
Max. clamping
Max. energy absorption
Max. permissible
Typical
Mean
Maximum
V/I
Derating
voltage (8 x 20 µs)
(10 x 1000 µs)
peak current
capacitance
power
thickness
characteristic
curves
W (J)
(8 x 20 µs)
f = 1kHz
dissipation
t
Vp (V)
Ip (A)
Number of surges
Ip (A)
1 surge
1 surge
2 surges
pF
W
mm (inches)
Page
Page
340
5
8.5
800
600
90
0.1
4.1 (.161)
34
24
340
10
17.5
1750
1250
250
0.2
4.1 (.161)
34
25
340
25
35
3500
2500
450
0.4
4.7 (.185)
34
26
340
50
70
6000
4500
1000
0.6
4.7 (.185)
35
27
340
100
140
10000
7000
2500
0.8
5.1 (.201)
35
28
360
5
9
800
600
85
0.1
4.2 (.165)
34
24
360
10
19
1750
1250
235
0.2
4.2 (.165)
34
25
360
25
39
3500
2500
425
0.4
4.8 (.189)
34
26
360
50
78
6000
4500`
930
0.6
4.8 (.189)
35
27
360
100
155
10000
7000
2250
0.8
5.2 (.205)
35
28
400
5
10.5
800
600
80
0.1
4.3 (.169)
34
24
400
10
21
1750
1250
220
0.2
4.3 (.169)
34
25
400
25
42
3500
2500
400
0.4
4.9 (.193)
34
26
400
50
85
6000
4500
850
0.6
4.9 (.193)
35
27
400
100
170
10000
7000
2000
0.8
5.3 (.209)
35
28
445
5
11
800
600
70
0.1
4.5 (.177)
34
24
445
10
24
1750
1250
190
0.2
4.5 (.177)
34
25
445
25
50
3500
2500
340
0.4
5.1 (.201)
34
26
445
50
100
6000
4500
750
0.6
5.1 (.201)
35
27
445
100
190
10000
7000
2000
0.8
5.5 (.217)
35
28
545
5
13
800
600
60
0.1
4.9 (.193)
34
24
545
10
28
1750
1250
155
0.2
4.9 (.193)
34
25
545
25
60
3500
2500
275
0.4
5.5 (.217)
34
26
545
50
115
6000
4500
600
0.6
5.5 (.217)
35
27
545
100
230
10000
7000
1650
0.8
5.9 (.232)
35
28
595
5
16
800
600
55
0.1
5.1 (.201)
34
24
595
10
32
1750
1250
140
0.2
5.1 (.201)
34
25
595
25
65
3500
2500
250
0.4
5.7 (.224)
34
26
595
50
130
6000
4500
550
0.6
5.7 (.224)
35
27
595
100
250
10000
7000
1500
0.8
6.1 (.240)
35
28
DIMENSIONS millimeters (inches)
Zinc Oxide Varistors
VE/VF Types for Heavy Duty Applications (“P Series”)


Similar Part No. - VF20P10561K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VF20P10221K AVX-VF20P10221K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VF20P10241K AVX-VF20P10241K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VF20P10271K AVX-VF20P10271K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VF20P10331K AVX-VF20P10331K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VF20P10361K AVX-VF20P10361K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
More results

Similar Description - VF20P10561K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE24P00131K AVX-VE24P00131K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com