Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCN4-TR4 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # DCN4-TR4
Description  General-purpose Peripheral Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DCN4-TR4 Datasheet(HTML) 5 Page - Omron Electronics LLC

  DCN4-TR4 Datasheet HTML 1Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 2Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 3Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 4Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 5Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 6Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 7Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 8Page - Omron Electronics LLC DCN4-TR4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
158
Peripheral Devices
54321
54321
4
2
CN6
CN4
Branch line
CN3
Branch line
CN5
Branch line
CN1
Main line
CN2
Main line
5
4
3
2
1
5
4
3
2
1
5
4
3
2
1
142
135
15.5
31.27
45
20.5
15.5
7
Socket for
terminator
Note
142±0.3
14±0.3
Two,
3.5 dia.
or M3
Note: When connecting a branch line to the main line, connect the main line to the connector
marked with an asterisk because the resistance between the asterisked portion is minimal.
Internal Circuit
T-branch Tap for 3 branch lines
DCN1-3C
(With Five Branching
Connectors)
Terminal No.
Name
1
V-
2CAN L
3
DRAIN
4CAN H
5
V+
Mounting Dimensions
CN2
CN3
F2
F1
CN1
V−'
L'
S'
H'
V+'
V+
H
S
L
CN4
V−
Two,
3.5 dia.
or M3
126.5
119.5
15.5
15.5
119.5±0.3
14±0.3
Two, 3.5 dia.
29.9
20.5
30.9
45.3
45
112.5
Socket for terminator
connection
Connectors on Cable side
Fuse
Terminal block on
power supply side
Internal Circuit
Power Supply Tap
DCN1-1P
(With Two Branching
Connectors)
Terminal No.
Name
V-
V-
LCAN L
S
DRAIN
HCAN H
V+
V+
Mounting Dimensions
30±0.2
Two, 4.2 dia. or M4
21 max.
41 max.
20±0.15
30±0.2
Two, 4.4 dia.
6
+0.1
−0
DRS1-T
(Terminal-block Terminator)
Mounting Dimensions


Similar Part No. - DCN4-TR4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DCN4-TR4 OMRON-DCN4-TR4 Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
More results

Similar Description - DCN4-TR4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DCN2-1 OMRON-DCN2-1 Datasheet
3Mb / 24P
   General-purpose Peripheral Devices
logo
Toshiba Semiconductor
TC9591XBG TOSHIBA-TC9591XBG Datasheet
390Kb / 17P
   Automotive Peripheral Devices
2020-06-05 Rev.1.0
TC9590XBG TOSHIBA-TC9590XBG Datasheet
278Kb / 17P
   Automotive Peripheral Devices
2022-02-24 Rev. 1.4
TC9592XBG TOSHIBA-TC9592XBG Datasheet
680Kb / 24P
   Automotive Peripheral Devices
2022-05-25 Rev 1.2
logo
Sanyo Semicon Device
LC8953 SANYO-LC8953 Datasheet
222Kb / 9P
   General-Purpose 68000 MPU Peripheral Interface LSI
logo
List of Unclassifed Man...
IN3005KB ETC2-IN3005KB Datasheet
488Kb / 3P
   Multimedia Keyboard - Notebook/Laptop Computer Peripheral Devices
IN3000WI ETC2-IN3000WI Datasheet
474Kb / 3P
   Mini Optical Mouse - Notebook/Laptop Computer Peripheral Devices
logo
Rohm
BA13002F ROHM-BA13002F Datasheet
152Kb / 8P
   Interface Driver for microcomputer peripheral and display devices
logo
Microchip Technology
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110_10 Datasheet
2Mb / 330P
   64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
2010
PIC24FJ256GA106T-I MICROCHIP-PIC24FJ256GA106T-I Datasheet
3Mb / 292P
   64/80/100-Pin, 16-Bit General Purpose Flash Microcontrollers with Peripheral Pin Select
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com