Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2E-X7D1-N Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E2E-X7D1-N
Description  Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X7D1-N Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E2E-X7D1-N Datasheet HTML 6Page - Omron Electronics LLC E2E-X7D1-N Datasheet HTML 7Page - Omron Electronics LLC E2E-X7D1-N Datasheet HTML 8Page - Omron Electronics LLC E2E-X7D1-N Datasheet HTML 9Page - Omron Electronics LLC E2E-X7D1-N Datasheet HTML 10Page - Omron Electronics LLC E2E-X7D1-N Datasheet HTML 11Page - Omron Electronics LLC E2E-X7D1-N Datasheet HTML 12Page - Omron Electronics LLC E2E-X7D1-N Datasheet HTML 13Page - Omron Electronics LLC E2E-X7D1-N Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
E2E
AC 2-Wire Models Shielded Models [Refer to Dimensions on page 29.]
*1. Models with different frequencies are also available. The model number is E2E-X
@Y@5 (example: E2E-X5Y15 2M).
*2. The standard stock includes models with a cable length of 5 m. Specify the cable length at the end of the model number. (Example: E2E-X2Y1 5M)
*3. Refer to page 24 for details.
Unshielded Models
*1. Models with different frequencies are also available. The model number is E2E-X
@MY@5 (example: E2E-X5MY15 2M).
*2. The standard stock includes models with a cable length of 5 m. Specify the cable length at the end of the model number. (Example: E2E-X5MY1 5M)
*3. Refer to page 24 for details.
AC 2-Wire Models Shielded Models [Refer to Dimensions on page 29.]
(There are no unshielded models.)
Note: Not compliant with CE.
* The standard stock includes models with a cable length of 5 m. Specify the cable length at the end of the model number. (Example: E2E-X7T1 5M)
2-Wire Models
Appear-
ance
Sensing distance
Connection
method
Cable
specifications
Operation
mode
Pin
arrangement
Applicable con-
nector code *3
Model
M8
Pre-wired Models
(2 m)
PVC (oil-resistant)
NO
---
---
E2E-X1R5Y1 2M
NC
E2E-X1R5Y2 2M
M12
Pre-wired Models
(2 m)
PVC (oil-resistant)
NO
---
---
E2E-X2Y1 2M *1*2
NC
E2E-X2Y2 2M
M12 Connector
Models
---
NO
(3, 4): (AC, AC)
E
E2E-X2Y1-M1
NC
(1, 2): (AC, AC)
F
E2E-X2Y2-M1
M18
Pre-wired Models
(2 m)
PVC (oil-resistant)
NO
---
---
E2E-X5Y1 2M *1*2
NC
E2E-X5Y2 2M
M12 Connector
Models
---
NO
(3, 4): (AC, AC)
E
E2E-X5Y1-M1
NC
(1, 2): (AC, AC)
F
E2E-X5Y2-M1
M30
Pre-wired Models
(2 m)
PVC (oil-resistant)
NO
---
---
E2E-X10Y1 2M *1*2
NC
E2E-X10Y2 2M
M12 Connector
Models
---
NO
(3, 4): (AC, AC)
E
E2E-X10Y1-M1
NC
(1, 2): (AC, AC)
F
E2E-X10Y2-M1
1.5 mm
2 mm
5 mm
10 mm
Appear-
ance
Sensing distance
Connection
method
Cable
specifications
Operation
mode
Pin
arrangement
Applicable con-
nector code *3
Model
M8
Pre-wired Models
(2 m)
PVC (oil-resistant)
NO
---
---
E2E-X2MY1 2M
NC
E2E-X2MY2 2M
M12
Pre-wired Models
(2 m)
PVC (oil-resistant)
NO
---
---
E2E-X5MY1 2M *1*2
NC
E2E-X5MY2 2M
M12 Connector
Models
---
NO
(3, 4): (AC, AC)
E
E2E-X5MY1 2M
NC
(1, 2): (AC, AC)
F
E2E-X5MY2-M1
M18
Pre-wired Models
(2 m)
PVC (oil-resistant)
NO
---
---
E2E-X10MY1 2M *1
NC
E2E-X10MY2 2M
M12 Connector
Models
---
NO
(3, 4): (AC, AC)
E
E2E-X10MY1-M1
NC
(1, 2): (AC, AC)
F
E2E-X10MY2-M1
M30
Pre-wired Models
(2 m)
PVC (oil-resistant)
NO
---
---
E2E-X18MY1 2M *1
NC
E2E-X18MY2 2M
M12 Connector
Models
---
NO
(3, 4): (AC, AC)
E
E2E-X18MY1-M1
NC
(1, 2): (AC, AC)
F
E2E-X18MY2-M1
2 mm
5 mm
10 mm
18 mm
Appear-
ance
Sensing distance
Connection
method
Cable
specifications
Operation
mode
Pin
arrangement
Applicable con-
nector code *3
Model
M12
Pre-wired Models
(2 m)
PVC (oil-resis-
tant)
NO
---
---
E2E-X3T1 2M
M18
Pre-wired Models
(2 m)
PVC (oil-resis-
tant)
---
---
E2E-X7T1 2M *
M30
Pre-wired Models
(2 m)
PVC (oil-resis-
tant)
---
---
E2E-X10T1 2M
3 mm
7 mm
10 mm


Similar Part No. - E2E-X7D1-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X7D1-N OMRON-E2E-X7D1-N Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X7D1-N OMRON-E2E-X7D1-N Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X7D1-N OMRON-E2E-X7D1-N Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X7D1-N OMRON-E2E-X7D1-N Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X7D1-N2M OMRON-E2E-X7D1-N2M Datasheet
2Mb / 36P
   Standard Proximity Sensor
More results

Similar Description - E2E-X7D1-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X2E1-M1 OMRON-E2E-X2E1-M1 Datasheet
1Mb / 34P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X5E1 OMRON-E2E-X5E1 Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X2D1-N OMRON-E2E-X2D1-N Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2EX1R5E1 OMRON-E2EX1R5E1 Datasheet
2Mb / 35P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
logo
Laird Tech Smart Techno...
LARGE-ENCLOSURE LSTD-LARGE-ENCLOSURE Datasheet
431Kb / 2P
   As the world?셲 leading fabricator of fingerstock
logo
Cynergy3 Co
MP1C CYNERGY3-MP1C Datasheet
1Mb / 2P
   the switch stops the compressor and starts the pump
logo
List of Unclassifed Man...
GT-521S ETC2-GT-521S Datasheet
154Kb / 2P
   Bench unit performance in the palm of your hand.
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Neutrik AG
NA2-IO-DLINE NEUTRIK-NA2-IO-DLINE Datasheet
136Kb / 2P
   Connect your legacy audio gear to the Dante world.
logo
ORION FANS
OD1232-SPOT ORIONFANS-OD1232-SPOT Datasheet
767Kb / 1P
   Extend the Life of Your Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com