Electronic Components Datasheet Search |
|
L1007B10NMDWST Datasheet(PDF) 9 Page - Kemet Corporation |
|
L1007B10NMDWST Datasheet(HTML) 9 Page - Kemet Corporation |
9 / 32 page © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 9 0805 Case Size Standard Type (L-DWS Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity 12 L0805C2R2MDWST 2.2 ±20% 80 0.23 410 770 7.96 3,000 L0805C4R7MDWST 4.7 ±20% 45 0.40 300 580 7.96 3,000 L0805R100MDWST 10 ±20% 32 0.50 200 520 2.52 3,000 L0805C220MDWST 22 ±20% 16 1.70 135 280 2.52 3,000 L0805C470MDWST 47 ±20% 11 3.70 90 190 2.52 3,000 0805 Case Size High Current Type (L-DWI Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity 12 L0805C1R0MDWIT 1.0 ±20% 100 0.19 700 840 7.96 3,000 L0805C2R2MDWIT 2.2 ±20% 70 0.33 530 640 7.96 3,000 L0805C4R7MDWIT 4.7 ±20% 45 0.50 360 520 7.96 3,000 L0805C100MDWIT 10 ±20% 40 1.20 240 340 2.52 3,000 L0805C220MDWIT 22 ±20% 16 3.70 170 190 2.52 3,000 L0805C470MDWIT 47 ±20% 11 5.80 120 150 2.52 3,000 0806 Case Size High Current Type (L-DWI Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity 12 L0806C1R0MDWIT 1.0 ±20% 100 0.1 1100 1100 7.96 3,000 L0806C1R5MDWIT 1.5 ±20% 80 0.15 1000 1000 7.96 3,000 L0806C2R2MDWIT 2.2 ±20% 70 0.20 750 720 7.96 3,000 L0806C3R3MDWIT 3.3 ±20% 55 0.27 600 610 7.96 3,000 L0806C4R7MDWIT 4.7 ±20% 45 0.37 550 530 7.96 3,000 L0806C6R8MDWIT 6.8 ±20% 38 0.59 450 450 7.96 3,000 L0806C100(_)DWIT 10 K=±10%, M=±20% 32 0.82 380 350 2.52 3,000 L0806C150(_)DWIT 15 K=±10%, M=±20% 28 1.2 300 300 2.52 3,000 L0806C220(_)DWIT 22 K=±10%, M=±20% 16 1.8 250 240 2.52 3,000 L0806C330(_)DWIT 33 K=±10%, M=±20% 14 2.8 220 220 2.52 3,000 L0806C470(_)DWIT 47 K=±10%, M=±20% 11 4.3 150 150 2.52 3,000 L0806C680(_)DWIT 68 K=±10%, M=±20% 10 7 130 130 2.52 3,000 L0806C101(_)DWIT 100 K=±10%, M=±20% 8 8 110 110 0.796 3,000 0806 Case Size Standard Type (L-DWS Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity 12 L0806C2R2MDWST 2.2 ±20% 70 0.13 510 1000 7.96 2,000 L0806C4R7MDWST 4.7 ±20% 45 0.25 340 740 7.96 2,000 L0806C100MDWST 10 ±20% 32 0.50 250 520 2.52 2,000 L0806C220MDWST 22 ±20% 16 1.00 165 370 2.52 2,000 L0806C470MDWST 47 ±20% 11 2.40 110 240 2.52 2,000 *For rated current of ordinary small power choke coils, please refer to the rated current (1) in the above table. *For current (2) is the current for instantaneous flow such as plunging current of DC/DC converter. In case of usage in the circuit where large current may be semicontinuously applied over 5 minutes with auto recovery circuit, etc, please contact our sales section before practical application. Rated current (1):Current value to guarantee -30% of nominal inductance Rated current (2):Current value to guarantee component temperature within ΔT = 40°C with current flow. (It's not the current to guarantee the inductance value) (_) - Insert Inductance Tolerance Code (K or M) 1007 Case Size Standard Type (L-DWS Series) Ordering Code Inductance (μH) Inductance Tolerance Minimum Self Resonant Frequency (MHz) DC Resistance ( Ω Ω) (±30%) Maximum Rated Current (mA) Measuring Frequency (MHz) Tape & Reel Packaging Quantity 12 L1007C2R2MDWST 2.2 ±20% 68 0.09 510 1300 7.96 2,000 L1007C4R7MDWST 4.7 ±20% 46 0.13 340 1100 7.96 2,000 L1007C100MDWST 10 ±20% 30 0.25 250 820 2.52 2,000 L1007C220MDWST 22 ±20% 19 0.50 165 580 2.52 2,000 L1007C470MDWST 47 ±20% 12 0.95 110 420 2.52 2,000 Wire Wound Chip Inductors - L-DWS, L-DWI, L-DWL, L-DWF Series |
Similar Part No. - L1007B10NMDWST |
|
Similar Description - L1007B10NMDWST |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |