Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS3F-M421-405-R Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # XS3F-M421-405-R
Description  Pin-point Beam, Adjustable Focus Point and Teach Mode for Reliable Detection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M421-405-R Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button XS3F-M421-405-R Datasheet HTML 2Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 3Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 4Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 5Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 6Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 7Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 8Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 9Page - Omron Electronics LLC XS3F-M421-405-R Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
E3G-L1/L3
E3G-L1/L3
7
J
ANGLE CHARACTERISTICS (CONT.)
10
8
6
4
2
0
--2
--4
--6
--8
--10
--40
--30
--20
--10
0
10
20
30
40
10
8
6
4
2
0
--2
--4
--6
--8
--10
--40
--30
--20
--10
0
10
20
30
40
Inclination angle " (#)
Inclination angle " (#)
Target object:
White paper 50 " 50 mm
Sensing distance:150 mm
Target object:
White paper 50 " 50 mm
Sensing distance:150 mm
Sensing object
Sensing object
#"
– "
(Up and Down)
Inclination
angle
E3G-L3j (Up and Down)
E3G-L3j (Left and Right)
(Left and Right)
Inclination
angle
#"
– "
J
TARGET OBJECT SIZE VS. SETTING DISTANCE
0.5
0.4
0.3
0.2
0.1
0
30
35
40
45
50
Target object:
White paper
Setting distance: 50 mm
Distance (mm)
E3G-L1j
2.5
2
1.5
1
0.5
0
40
60
80
100
120
140
160
180 200
Target object:
White paper
Setting distance: 200 mm
Distance (mm)
E3G-L3j
White paper
60
50
40
30
20
10
0
Setting distance: 30 mm
18 mm
31 mm
30 mm
20 mm
1mm
50 mm
16 mm
51 mm
White paper
Black paper
Black paper
Setting distance: 50 mm
J
CLOSE-RANGE CHARACTERISTICS
E3G-L1j
Material
150
100
50
0
51 mm
48.5 mm
202 mm
178 mm
29 mm
20 mm
0mm
28.5 mm
250
200
White paper
Material
White paper
Black paper
Black paper
Setting distance: 50 mm
Setting distance: 200 mm
E3G-L3j


Similar Part No. - XS3F-M421-405-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS3F-M421-405-A OMRON-XS3F-M421-405-A Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
XS3F-M421-405-A OMRON-XS3F-M421-405-A Datasheet
760Kb / 14P
   Manual Fiber Amplifier
XS3F-M421-405-A OMRON-XS3F-M421-405-A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
XS3F-M421-405-A OMRON-XS3F-M421-405-A Datasheet
446Kb / 5P
   Grooved-type Photoelectric Sensor with Built-in Amplifier
XS3F-M421-405-A OMRON-XS3F-M421-405-A Datasheet
2Mb / 15P
   Compact and Reliable Laser Photoelectric Sensor
More results

Similar Description - XS3F-M421-405-R

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-S10PS010Z BOARDCOM-AFBR-S10PS010Z Datasheet
654Kb / 5P
   Point Sensor for Light Detection and Plastic Optical Fiber Connector for Point Sensor
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
HMC523 MICROSS-HMC523 Datasheet
894Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC528 MICROSS-HMC528 Datasheet
882Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC522 MICROSS-HMC522 Datasheet
881Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC362 AD-HMC362 Datasheet
310Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Kendall Howard
1906-3-006-02 KENDALLHOWARD-1906-3-006-02 Datasheet
1Mb / 2P
   4-POINT ADJUSTABLE SHELF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com