Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1579 Datasheet(PDF) 2 Page - Rohm

Part # 2SA1579
Description  PNP -50mA -120V High-Voltage Amplifier Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1579 Datasheet(HTML) 2 Page - Rohm

  2SA1579 Datasheet HTML 1Page - Rohm 2SA1579 Datasheet HTML 2Page - Rohm 2SA1579 Datasheet HTML 3Page - Rohm 2SA1579 Datasheet HTML 4Page - Rohm 2SA1579 Datasheet HTML 5Page - Rohm 2SA1579 Datasheet HTML 6Page - Rohm 2SA1579 Datasheet HTML 7Page - Rohm 2SA1579 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SA1579 / 2SA1514K
lAbsolute maximum ratings (Ta = 25°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Junction temperature
Range of storage temperature
lElectrical characteristics(Ta = 25°C)
*1 PW=100ms Single Pulse
*2 Each terminal mounted on a reference footprint
lh
FE rank categories
Tj
150
Rank
R
S
hFE
180 to 390
270 to 560
Max.
-0.5
-0.5
-
-120
-
-
Conditions
Min.
Typ.
Symbol
VCE(sat)
IC = -10mA, IB = -1mA
-
Parameter
Symbol
Values
Unit
VCBO
-120
V
VCEO
-120
V
VEBO
-5
V
Power dissipation
PD
*2
Collector current
IC
-50
2SA1579
2SA1514K
200
mW
mA
ICP
*1
-100
mA
°C
Tstg
-55 to +150
°C
-
V
Emitter-base
breakdown voltage
BVEBO
IE = -50mA
-5
-
-
V
Collector-base
breakdown voltage
BVCBO
IC = -50mA
-120
-
Unit
Collector-emitter
breakdown voltage
BVCEO
IC = -1mA
V
Parameter
mA
Emitter cut-off current
IEBO
VEB = -4V
-
-
-0.5
mA
Collector cut-off current
ICBO
VCB = -100V
-
-
V
DC current gain
hFE
VCE = -6V, IC = -2mA
180
-
560
-
Collector-emitter
saturation voltage
-
MHz
Output capacitance
Cob
VCB = -12V, IE = 0mA,
f = 1MHz
-
3.2
-
pF
Transition frequency
fT
VCE = -12V, IE = 2mA
f=100MHZ
-
140
2/7
2013.05 - Rev.B


Similar Part No. - 2SA1579

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1579 ROHM-2SA1579 Datasheet
79Kb / 4P
   High-voltage Amplifier Transistor (-120V, -50mA)
logo
Guangdong Kexin Industr...
2SA1579 KEXIN-2SA1579 Datasheet
45Kb / 1P
   High-Voltage Amplifier Transistor
logo
SeCoS Halbleitertechnol...
2SA1579 SECOS-2SA1579 Datasheet
427Kb / 2P
   PNP Silicon Plastic Encapsulated Transistor
logo
Shenzhen Jin Yu Semicon...
2SA1579 HTSEMI-2SA1579 Datasheet
295Kb / 2P
   TRANSISTOR(PNP)
logo
Rohm
2SA1579 ROHM-2SA1579 Datasheet
1Mb / 11P
   High-voltage Amplifier Transistor
More results

Similar Description - 2SA1579

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4102 ROHM-2SC4102_13 Datasheet
358Kb / 8P
   NPN 50mA 120V High Voltage Amplifier transistors
2SC4102 ROHM-2SC4102 Datasheet
59Kb / 1P
   High-voltage Amplifier Transistor(120V, 50mA)
2SA1579FRA ROHM-2SA1579FRA Datasheet
1Mb / 8P
   High-voltage Amplifier Transistor (-120V, -50mA)
20160915 - Rev.001
2SARA41CHZG ROHM-2SARA41CHZG Datasheet
1Mb / 10P
   High-voltage Amplifier Transistor (-120V,-50mA)
2SCRC41CHZG ROHM-2SCRC41CHZG Datasheet
1Mb / 10P
   High-voltage Amplifier Transistor (120V, 50mA)
2SC4102 ROHM-2SC4102_1 Datasheet
75Kb / 3P
   High-voltage Amplifier Transistor (120V, 50mA)
2SA1579U3HZG ROHM-2SA1579U3HZG Datasheet
1Mb / 10P
   High-voltage Amplifier Transistor (-120V, -50mA)
2SC4102U3 ROHM-2SC4102U3 Datasheet
1Mb / 11P
   High-voltage Amplifier Transistor (120V, 50mA)
2SA1579 ROHM-2SA1579 Datasheet
79Kb / 4P
   High-voltage Amplifier Transistor (-120V, -50mA)
2SC4102U3HZG ROHM-2SC4102U3HZG Datasheet
1Mb / 10P
   High-voltage Amplifier Transistor (120V, 50mA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com