Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR533P Datasheet(PDF) 7 Page - Rohm

Part # 2SAR533P
Description  PNP -3.0A -50V Middle Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR533P Datasheet(HTML) 7 Page - Rohm

  2SAR533P Datasheet HTML 1Page - Rohm 2SAR533P Datasheet HTML 2Page - Rohm 2SAR533P Datasheet HTML 3Page - Rohm 2SAR533P Datasheet HTML 4Page - Rohm 2SAR533P Datasheet HTML 5Page - Rohm 2SAR533P Datasheet HTML 6Page - Rohm 2SAR533P Datasheet HTML 7Page - Rohm 2SAR533P Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SAR533P / 2SAR533D
lDimensions
(Unit : mm)
Dimension in mm / inches
CPT3
D
b1
e
b
b3
b2
A2
A1
A3
c
x
B A
l3
l2
l1
c1
B
A
Pattern of terminal position areas
[Not a recommended pattern of soldering pads]
MIN
MAX
MIN
MAX
A1
0.00
0.15
0.000
0.006
A2
2.20
2.50
0.087
0.098
A3
b
0.55
0.75
0.022
0.030
b1
5.00
5.30
0.197
0.209
b2
b3
c
0.40
0.60
0.016
0.024
c1
0.40
0.60
0.016
0.024
D
6.30
6.70
0.248
0.264
E
5.40
5.80
0.213
0.228
e
HE
9.00
10.00
0.354
0.394
L
2.20
2.80
0.087
0.110
L1
0.80
1.40
0.031
0.055
L2
1.20
1.80
0.047
0.071
L3
L4
Lp
1.00
1.60
0.039
0.063
x
-
0.25
-
0.010
MIN
MAX
MIN
MAX
b5
-
1.00
-
0.04
b6
-
5.20
-
0.205
l1
-
2.50
-
0.098
l2
-
5.50
-
0.217
l3
-
10.00
-
0.394
5.30
0.209
0.90
0.035
DIM
MILIMETERS
INCHES
5.00
0.197
0.75
0.030
2.30
0.091
DIM
MILIMETERS
INCHES
0.25
0.010
7/7
2013.05 - Rev.B


Similar Part No. - 2SAR533P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533P ROHM-2SAR533P Datasheet
828Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
2SAR533P ROHM-2SAR533P Datasheet
234Kb / 5P
   Midium Power Transistors (-50V / -3A)
2SAR533P5 ROHM-2SAR533P5 Datasheet
1Mb / 8P
   Medium Power Transistors(-50V / -3A)
2SAR533PFRA ROHM-2SAR533PFRA Datasheet
1Mb / 8P
   Middle Power Transistor(-50V / -3A)
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
   Midium Power Transistors (-50V / -3A)
More results

Similar Description - 2SAR533P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR573D ROHM-2SAR573D Datasheet
809Kb / 7P
   PNP -3.0A -50V Middle Power Transistor
2SAR533P ROHM-2SAR533P_14 Datasheet
828Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
2SCR533PT100 ROHM-2SCR533PT100 Datasheet
384Kb / 8P
   NPN 3.0A 50V Middle Power Transistor
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
   NPN 3.0A 50V Middle Power Transistor
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
   NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
2SCR573DA08 ROHM-2SCR573DA08 Datasheet
804Kb / 7P
   NPN 3.0A 50V Middle Power Transistor
2SAR542F3TR ROHM-2SAR542F3TR Datasheet
722Kb / 7P
   PNP -3.0A -30V Middle Power Transistor
2SAR542F3 ROHM-2SAR542F3 Datasheet
1Mb / 10P
   PNP -3.0A -30V Middle Power Transistor
2SAR573D3 ROHM-2SAR573D3 Datasheet
1Mb / 11P
   PNP -3.0A -50V Power Transistor
2SAR573D3FRA ROHM-2SAR573D3FRA Datasheet
1Mb / 10P
   PNP -3.0A -50V Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com