Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2E-X3D1-N Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E2E-X3D1-N
Description  A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E-X3D1-N Datasheet(HTML) 3 Page - Omron Electronics LLC

  E2E-X3D1-N Datasheet HTML 1Page - Omron Electronics LLC E2E-X3D1-N Datasheet HTML 2Page - Omron Electronics LLC E2E-X3D1-N Datasheet HTML 3Page - Omron Electronics LLC E2E-X3D1-N Datasheet HTML 4Page - Omron Electronics LLC E2E-X3D1-N Datasheet HTML 5Page - Omron Electronics LLC E2E-X3D1-N Datasheet HTML 6Page - Omron Electronics LLC E2E-X3D1-N Datasheet HTML 7Page - Omron Electronics LLC E2E-X3D1-N Datasheet HTML 8Page - Omron Electronics LLC E2E-X3D1-N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
E2E/E2E2 Cylindrical Proximity Sensor
3
DC 3-wire/Pre-wired Models
Note 1. Cables with a length of 5 m are also available. Specify the
cable length at the end of the model number (e.g., E2E-X2E1
5M).
2. Models with a robotics cable are also available. These
models are E2E-X
@E1-R (e.g., E2E-X5E1-R).
3. Models with a different frequency are also available. These
models are E2E-X
@E@5 (e.g., E2E-X5E15).
4. These models have e-CON connectors (0.3 m cable length),
which is indicated by the suffix “-ECON” (e.g., E2E-X2E1-
ECON).
AC 2-wire/Pre-wired Models
Note 1. Models with a different frequency are also available. These
models are E2E-X
@Y@5 (e.g., E2E-X5Y15).
2. Cables with a length of 5 m are also available. Specify the
cable length at the end of the model number (e.g., E2E-X2Y1
5M).
Size
Sensing
distance
Output
configuration
Model
Shielded 3 dia. 0.6 mm
NPN NO
E2E-CR6C1
NPN NC
E2E-CR6C2
PNP NO
E2E-CR6B1
PNP NC
E2E-CR6B2
4 dia. 0.8 mm
NPN NO
E2E-CR8C1
(See notes 1 and 2.)
NPN NC
E2E-CR8C2
PNP NO
E2E-CR8B1
PNP NC
E2E-CR8B2
M5
1 mm
NPN NO
E2E-X1C1
(See notes 1 and 2.)
NPN NC
E2E-X1C2
PNP NO
E2E-X1B1
PNP NC
E2E-X1B2
5.4
dia.
1 mm
NPN NO
E2E-C1C1
(See notes 1 and 2.)
NPN NC
E2E-C1C2
PNP NO
E2E-C1B1
PNP NC
E2E-C1B2
M8
1.5 mm
NPN NO
E2E-X1R5E1
(See notes 1 and 2.)
NPN NC
E2E-X1R5E2
PNP NO
E2E-X1R5F1
PNP NC
E2E-X1R5F2
M12
2 mm
NPN NO
E2E-X2E1 (See notes 1,
2, 3, and 4.)
NPN NC
E2E-X2E2
(See notes 3 and 4.)
PNP NO
E2E-X2F1
PNP NC
E2E-X2F2
M18
5 mm
NPN NO
E2E-X5E1 (See notes 1,
2, 3, and 4.)
NPN NC
E2E-X5E2
(See notes 3 and 4.)
PNP NO
E2E-X5F1
PNP NC
E2E-X5F2
M30
10 mm
NPN NO
E2E-X10E1 (See notes
1, 2, 3, and 4.)
NPN NC
E2E-X10E2
(See notes 3 and 4.)
PNP NO
E2E-X10F1
PNP NC
E2E-X10F2
Un-
shielded
M8
2 mm
NPN NO
E2E-X2ME1
(See note 2.)
NPN NC
E2E-X2ME2
PNP NO
E2E-X2MF1
PNP NC
E2E-X2MF2
M12
5 mm
NPN NO
E2E-X5ME1 (See notes
1, 2, 3, and 4.)
NPN NC
E2E-X5ME2 (See notes
3 and 4.)
PNP NO
E2E-X5MF1
PNP NC
E2E-X5MF2
M18
10 mm
NPN NO
E2E-X10ME1 (See notes
1, 2, 3, and 4.)
NPN NC
E2E-X10ME2
(See notes 3 and 4.)
PNP NO
E2E-X10MF1
PNP NC
E2E-X10MF2
M30
18 mm
NPN NO
E2E-X18ME1 (See notes
1, 2, 3, and 4.)
NPN NC
E2E-X18ME2
(See notes 3 and 4.)
PNP NO
E2E-X18MF1
PNP NC
E2E-X18MF2
Size
Sensing
distance
Operation
mode
Model
Shielded M8
1.5 mm
NO
E2E-X1R5Y1
NC
E2E-X1R5Y2
M12
2 mm
NO
E2E-X2Y1
(See notes 1 and 2.)
NC
E2E-X2Y2
M18
5 mm
NO
E2E-X5Y1
(See notes 1 and 2.)
NC
E2E-X5Y2
M30
10 mm
NO
E2E-X10Y1
(See notes 1 and 2.)
NC
E2E-X10Y2
Un-
shielded
M8
2 mm
NO
E2E-X2MY1
NC
E2E-X2MY2
M12
5 mm
NO
E2E-X5MY1
(See notes 1 and 2.)
NC
E2E-X5MY2
M18
10 mm
NO
E2E-X10MY1
(See note 1.)
NC
E2E-X10MY2
M30
18 mm
NO
E2E-X18MY1
(See note 1.)
NC
E2E-X18MY2
Size
Sensing
distance
Output
configuration
Model


Similar Part No. - E2E-X3D1-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X3D1-N OMRON-E2E-X3D1-N Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X3D1-N OMRON-E2E-X3D1-N Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2E-X3D1-N OMRON-E2E-X3D1-N Datasheet
2Mb / 36P
   Your Search for Proximity Sensors Starts with the World-leading Performance and Quality of the E2E
E2E-X3D1-N OMRON-E2E-X3D1-N Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X3D1-N2M OMRON-E2E-X3D1-N2M Datasheet
2Mb / 36P
   Standard Proximity Sensor
More results

Similar Description - E2E-X3D1-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2E-X10ME1 OMRON-E2E-X10ME1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X1B1 OMRON-E2E-X1B1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E-X5ME2-M1 OMRON-E2E-X5ME2-M1 Datasheet
1Mb / 48P
   A New Series of Easy-to-use and Tough E2E/E2E2 Models Long-size E2E2 Proximity Sensor Conforms to CENELEC
E2E2-X2C1-M1 OMRON-E2E2-X2C1-M1 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor E2E/E2E2
G3PB-2N OMRON-G3PB-2N Datasheet
1Mb / 10P
   Space and working time saved with new heatsink construction. Series now includes480-VAC models to allow use in a greaterrange of applications.
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
   New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com