Electronic Components Datasheet Search |
|
E2E-X20MD1 Datasheet(PDF) 2 Page - Omron Electronics LLC |
|
E2E-X20MD1 Datasheet(HTML) 2 Page - Omron Electronics LLC |
2 / 48 page 2 E2E/E2E2 Cylindrical Proximity Sensor DC 2-wire/Connector Models Note: In addition to the above models, E2E-X @D15-M1G models (e.g., E2E-X3D15-M1G), which are different in frequency from the above models, are available. DC 2-wire/Pre-wired Connector Models Note 1. A model with no polarity has a residual voltage of 5 V, which must be taken into consideration together with the interface condition (the PLC’s ON voltage, for example) when connecting the Proximity Sensor to a load. 2. The standard cable length is 300 mm. Models are also available with 500 mm and 1 m cables. Connector Pin Assignments of DC 2-wire Model The connector pin assignments of each new E2E DC 2-wire conforms to IEC947-5-2 Table III. The following E2E models with conventional connector pin assignments are available as well. Connector Self-diagnostic output function Size Sensing distance Model NO NC M12 Yes Shielded M12 3 mm E2E-X3D1S-M1 --- M18 7 mm E2E-X7D1S-M1 --- M30 10 mm E2E-X10D1S-M1 --- Unshielded M12 8 mm E2E-X8MD1S-M1 --- M18 14 mm E2E-X14MD1S-M1 --- M30 20 mm E2E-X20MD1S-M1 --- No Shielded M8 2 mm E2E-X2D1-M1G E2E-X2D2-M1G M12 3 mm E2E-X3D1-M1G (See note.) E2E-X3D2-M1G M18 7 mm E2E-X7D1-M1G (See note.) E2E-X7D2-M1G M30 10 mm E2E-X10D1-M1G (See note.) E2E-X10D2-M1G Unshielded M8 4 mm E2E-X4MD1-M1G E2E-X4MD2-M1G M12 8 mm E2E-X8MD1-M1G (See note.) E2E-X8MD2-M1G M18 14 mm E2E-X14MD1-M1G (See note.) E2E-X14MD2-M1G M30 20 mm E2E-X20MD1-M1G (See note.) E2E-X20MD2-M1G M8 Shielded M8 2 mm E2E-X2D1-M3G E2E-X2D2-M3G Unshielded 4 mm E2E-X4MD1-M3G E2E-X4MD2-M3G Size Sensing distance Operation mode Polarity Model Shielded M12 3 mm NO Yes E2E-X3D1-M1GJ No E2E-X3D1-M1J-T M18 7 mm Yes E2E-X7D1-M1GJ No E2E-X7D1-M1J-T M30 10 mm Yes E2E-X10D1-M1GJ No E2E-X10D1-M1J-T Unshielded M12 8 mm Yes E2E-X8MD1-M1GJ M18 14 mm E2E-X14MD1-M1GJ M30 20 mm E2E-X20MD1-M1GJ Size Operation mode Model Size Operation mode Model Shielded M8 NO E2E-X2D1-M1 Unshielded M8 NO E2E-X4MD1-M1 NC E2E-X2D2-M1 NC E2E-X4MD2-M1 M12 NO E2E-X3D1-M1 M12 NO E2E-X8MD1-M1 NC E2E-X3D2-M1 NC E2E-X8MD2-M1 M18 NO E2E-X7D1-M1 M18 NO E2E-X14MD1-M1 NC E2E-X7D2-M1 NC E2E-X14MD2-M1 M30 NO E2E-X10D1-M1 M30 NO E2E-X20MD1-M1 NC E2E-X10D2-M1 NC E2E-X20MD2-M1 |
Similar Part No. - E2E-X20MD1 |
|
Similar Description - E2E-X20MD1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |