Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDB7052 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NDB7052
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NDB7052 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NDB7052 Datasheet HTML 1Page - Fairchild Semiconductor NDB7052 Datasheet HTML 2Page - Fairchild Semiconductor NDB7052 Datasheet HTML 3Page - Fairchild Semiconductor NDB7052 Datasheet HTML 4Page - Fairchild Semiconductor NDB7052 Datasheet HTML 5Page - Fairchild Semiconductor NDB7052 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
June 1997
NDP7052 / NDB7052
N-Channel Enhancement Mode Field Effect Transistor
General Description
Features
________________________________________________________________________________
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Symbol
Parameter
NDP7052
NDB7052
Units
V
DSS
Drain-Source Voltage
50
V
V
DGR
Drain-Gate Voltage (R
GS < 1 M)
50
V
V
GSS
Gate-Source Voltage - Continuous
±20
V
- Nonrepetitive (t
P < 50 µs)
±40
I
D
Drain Current
- Continuous
75
A
- Pulsed
225
P
D
Total Power Dissipation @ T
C = 25°C
150
W
Derate above 25°C
1
W/°C
T
J,TSTG
Operating and Storage Temperature Range
-65 to 175
°C
THERMAL CHARACTERISTICS
RθJC
Thermal Resistance, Junction-to-Case
1
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W
NDP7052 Rev.B1
75 A, 50 V. R
DS(ON) = 0.01 @ VGS= 10 V.
Critical DC electrical parameters specified at elevated
temperature.
Rugged internal source-drain diode can eliminate the need
for an external Zener diode transient suppressor.
175°C maximum junction temperature rating.
High density cell design for extremely low R
DS(ON).
TO-220 and TO-263 (D
2PAK) package for both through hole
and surface mount applications.
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild's proprietary, high cell
density, DMOS technology. This very high density process has
been especially tailored to minimize on-state resistance,
provide superior switching performance, and withstand high
energy pulses in the avalanche and commutation modes.
These
devices
are
particularly
suited
for
low
voltage
applications such as automotive, DC/DC converters, PWM
motor controls, and other battery powered circuits where fast
switching, low in-line power loss, and resistance to transients
are needed.
S
D
G
© 1997 Fairchild Semiconductor Corporation


Similar Part No. - NDB7052

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDB7052 ISC-NDB7052 Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
NDB7052L FAIRCHILD-NDB7052L Datasheet
54Kb / 4P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
NDB7052L ISC-NDB7052L Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDB7052

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com