Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2R-1-SNI Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G2R-1-SNI
Description  Slim and Space-saving Power Plug-in Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1-SNI Datasheet(HTML) 3 Page - Omron Electronics LLC

  G2R-1-SNI Datasheet HTML 1Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 2Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 3Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 4Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 5Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 6Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 7Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 8Page - Omron Electronics LLC G2R-1-SNI Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
G2R-
@-S
3
Contact Ratings
Note: P level:
λ60 = 0.1 x 10-6/operation
Characteristics
Note: Values in the above table are the initial values.
*4,000 VAC, 50/60 Hz for 1 minute when the P2R-05A or P2R-08A Socket is mounted.
Approved Standards
UL 508 (File No. E41643)
CSA 22.2 No.0, No.14
(File No. LR31928)
IEC/VDE (EN61810)
LR
Number of poles
1 pole
2 poles
Load
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Rated load
10 A at 250 VAC;
10 A at 30 VDC
7.5 A at 250 VAC;
5 A at 30 VDC
5 A at 250 VAC;
5 A at 30 VDC
2 A at 250 VAC; 3 A at
30 VDC
Rated carry current
10 A
5 A
Max. switching voltage
440 VAC, 125 VDC
380 VAC, 125 VDC
Max. switching current
10 A
5 A
Max. switching power
2,500 VA,
300 W
1,875 VA,
150 W
1,250 VA,
150 W
500 VA,
90 W
Failure rate (reference value)
100 mA at 5 VDC
10 mA at 5 VDC
Item
1 pole
2 poles
Contact resistance
100 m
Ω max.
Operate (set) time
15 ms max.
Release (reset) time
AC: 10 ms max.; DC: 5 ms max.
(w/built-in diode: 20 ms max.)
AC: 15 ms max.; DC: 10 ms max.
(w/built-in diode: 20 ms max.)
Max. operating
frequency
Mechanical:
18,000 operations/hr
Electrical:
1,800 operations/hr (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
5,000 VAC, 50/60 Hz for 1 min between coil and
contacts*;
1,000 VAC, 50/60 Hz for 1 min between contacts of
same polarity
5,000 VAC, 50/60 Hz for 1 min between coil and contacts*;
3,000 VAC, 50/60 Hz for 1 min between contacts of different polarity
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
Vibration resistance
Destruction:
10 to 55 to 10 Hz, 0.75 mm single amplitude (1.5 mm double amplitude)
Malfunction:
10 to 55 to 10 Hz, 0.75 mm single amplitude (1.5 mm double amplitude)
Shock resistance
Destruction:
1,000 m/s2
Malfunction:
200 m/s2 when energized; 100 m/s2 when not energized
Endurance
Mechanical:
AC coil: 10,000,000 operations min.;
DC coil: 20,000,000 operations min. (at 18,000 operations/hr)
Electrical:
100,000 operations min. (at 1,800 operations/hr under rated load) (DC coil type)
Ambient temperature
Operating:
–40
°C to 70°C (with no icing or condensation)
Ambient humidity
Operating:
5% to 85%
Weight
Approx. 21 g
Model
Contact
form
Coil ratings
Contact ratings
Oper-
ations
G2R-1-S
SPDT
5 to 110 VDC
5 to 240 VAC
10 A, 30 VDC (resistive)
10 A, 250 VAC (general use)
TV-3 (NO contact only)
6 x 103
G2R-2-S
DPDT
5 A, 30 VDC (resistive)
5 A, 250 VAC (general use)
TV-3 (NO contact only)
6 x 103
Model
Contact
form
Coil ratings
Contact ratings
Oper-
ations
G2R-1-S
SPDT
5 to 110 VDC
5 to 240 VAC
10 A, 30 VDC (resistive)
10 A, 250 VAC (general use)
TV-3 (NO contact only)
6 x 103
G2R-2-S
DPDT
5 A, 30 VDC (resistive)
5 A, 250 VAC (general use)
TV-3 (NO contact only)
6 x 103
Contact
form
Coil ratings
Contact ratings
Operations
1 pole
6, 12, 24, 48 VDC
24, 110, 120, 230,
240 VAC
5 A, 440 VAC (cos
φ = 1.0)
10 A, 250 VAC (cos
φ = 1.0)
10 A, 30 VDC (0 ms)
100 x 103
2 poles
6, 12, 24, 48 VDC
24, 110, 120, 230,
240 VAC
5 A, 250 VAC (cos
φ =1.0)
5 A, 30 VDC (0 ms)
100 x 103
Number
of poles
Coil ratings
Contact ratings
Operations
1 pole
5 to 110 VDC
5 to 240 VDC
10 A, 250 VAC (general use)
7.5 A, 250 VAC (PF0.4)
10 A, 30 VDC (resistive)
5A, 30VDC (L/R=7ms)
100 x 103
2 poles
5 to 110 VDC
5 to 240 VDC
5 A, 250 VAC (general use)
2 A, 250 VAC (PF0.4)
5 A, 30 VDC (resistive)
3A, 30VDC (L/R=7ms)
100 x 103


Similar Part No. - G2R-1-SNI

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-SNI OMRON-G2R-1-SNI Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1-SNI OMRON-G2R-1-SNI Datasheet
787Kb / 12P
   General-purpose Relay
G2R-1-SNI OMRON-G2R-1-SNI Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R-1-SNI OMRON-G2R-1-SNI Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
G2R-1-SNIS OMRON-G2R-1-SNIS Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
More results

Similar Description - G2R-1-SNI

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-S OMRON-G2R-1-S Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
P2RF-08 OMRON-P2RF-08 Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R2SNDC24S OMRON-G2R2SNDC24S Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
logo
M-System Co.,Ltd.
FLM MSYSTEM-FLM Datasheet
114Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FJF MSYSTEM-FJF Datasheet
107Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FJDL MSYSTEM-FJDL Datasheet
134Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FDU MSYSTEM-FDU Datasheet
101Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FCRS MSYSTEM-FCRS Datasheet
113Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
FMS MSYSTEM-FMS Datasheet
96Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FLC MSYSTEM-FLC Datasheet
103Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com