Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2R-1Z Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G2R-1Z
Description  The Best Seller G2R
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1Z Datasheet(HTML) 1 Page - Omron Electronics LLC

  G2R-1Z Datasheet HTML 1Page - Omron Electronics LLC G2R-1Z Datasheet HTML 2Page - Omron Electronics LLC G2R-1Z Datasheet HTML 3Page - Omron Electronics LLC G2R-1Z Datasheet HTML 4Page - Omron Electronics LLC G2R-1Z Datasheet HTML 5Page - Omron Electronics LLC G2R-1Z Datasheet HTML 6Page - Omron Electronics LLC G2R-1Z Datasheet HTML 7Page - Omron Electronics LLC G2R-1Z Datasheet HTML 8Page - Omron Electronics LLC G2R-1Z Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
G
2
R
G2R
PCB Power Relay
The Best Seller G2R
• 1General purpose power Relays of single-pole10 A and double-pole 5 A.
• Safety-oriented design with dielectric strength of 5,000 V between coil
and contacts, and surge resistance of 10,000 V.
• AC and DC types are both available for operational coils.
■Model Number Legend
■Model Configuration
Note 1. Full-wave rectifier and supersonic cleaner compatible models are also available. Refer to page 3.
2. Sockets for PCB terminal models are not provided.
Use the plug-in terminal Relay instead of socket if necessary.
RoHS Compliant
Classification
Number of poles
1-pole
2-pole
Minimum
packing
unit
Terminal
Shape
Enclosure
rating
Contact
form
SPST-NO (1a)
SPDT (1c)
DPST-NO (2a)
DPDT (2c)
PCB terminals
Standard
Flux protection
AC
G2R-1A
G2R-1
G2R-2A
G2R-2
50
pcs/tray
DC
Fully sealed
AC
G2R-1A4
G2R-14
G2R-2A4
G2R-24
DC
Bifurcated
contact
Flux protection
DC
G2R-1AZ
G2R-1Z
−−
Fully sealed
G2R-1AZ4
G2R-1Z4
−−
High-capacity
Flux protection
AC
G2R-1A-E
G2R-1-E
−−
DC
High-sensitivity
Flux protection
DC
G2R-1A-H
G2R-1-H
G2R-2A-H
G2R-2-H
Double-winding
latching
Flux protection
DC
G2RK-1A
G2RK-1
G2RK-2A
G2RK-2
Quick-connect Standard
Unsealed
AC
G2R-1A-T
G2R-1-T
−−
100
pcs/tray
DC
G2R-
@ - @@@ @ - @@
—— — — — — —
12 3 4 5
6 7
1. Relay Function
None: Single-side stable
K : Double-winding latching
2. Number of poles
1: 1-pole
2: 2-pole
3. Contact Form
None: NO/NC
A: NO
4. Contact Type
None: Single
Z : Bifurcated contact
5. Enclosure rating
None: Flux protection
(T-type is an enclosed
relay)
4
: Fully sealed
6. Terminal Shape
None: PCB terminals
T : Quick-connect
(upper bracket mounting
#187)
7. Classification
None: Standard
E : High-capacity
H : High-sensitivity
U : For ultrasonically
cleanable
Z : Full-wave rectifier


Similar Part No. - G2R-1Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1Z OMRON-G2R-1Z Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1Z OMRON-G2R-1Z Datasheet
2Mb / 14P
   The Best Seller G2R
G2R-1Z OMRON-G2R-1Z Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
G2R-1Z OMRON-G2R-1Z Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
G2R-1Z4 OMRON-G2R-1Z4 Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
More results

Similar Description - G2R-1Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
   Best Seller Machine W-GM-Series
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
   The Best Relaytion
V23105 MACOM-V23105 Datasheet
498Kb / 11P
   The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
   The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
   The Best Relaytion
logo
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Panasonic Semiconductor
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2-3V PANASONIC-TX2-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com