Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E39-L86 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E39-L86
Description  Mounting Brackets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L86 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E39-L86 Datasheet HTML 5Page - Omron Electronics LLC E39-L86 Datasheet HTML 6Page - Omron Electronics LLC E39-L86 Datasheet HTML 7Page - Omron Electronics LLC E39-L86 Datasheet HTML 8Page - Omron Electronics LLC E39-L86 Datasheet HTML 9Page - Omron Electronics LLC E39-L86 Datasheet HTML 10Page - Omron Electronics LLC E39-L86 Datasheet HTML 11Page - Omron Electronics LLC E39-L86 Datasheet HTML 12Page - Omron Electronics LLC E39-L86 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
E39-L/F39-L/E39-S/E39-R
9
40
213
38
26.3
20.9
8
170
11
15
°15°
23
Pipe (B)
Holder (A)
15
24
48
189
197
165
22
12 dia.
8
12 dia.
E3Z
E39-L93XY
Note: The E39-L93XY consists of only the one joint holder
(A) and pipe, and the two hexagonal bolts and nuts. It
cannot be mounted to the Sensor alone.
E39-L94
4
20
2.3
3.2
3.2 dia.
1.2
5.8
19 ±0.2
52
35
3.2
4.8
3.2
4
20
Two, R1.6
Four, R1.6
+0.2
0
Material: Iron
E39-L96
29.5
9.5
60
15.5
Center
of pole
brace
E39-R1 reflector
(order separately)
E39-L96
27
17.5
°
17.5
°
45
°
4.3 dia.
45
°
34.5
Two, M3 Tap processing
Material:
Stainless steel
(SUS304)
2-mm-thick
20
20
3
26
2
56
16
An attached
screw
20
20
44±0.2
Two, M6
34
13.5
56 dia.
30
°
30
°
Stainless steel
(SUS 304)
Four, R3.3
Two, R22
(E3S-R)
E3S-R
16
2.6
50
15
E39-L97
Mounting Holes
56 dia.
Two, R22
4
6.5
(For E3S-B)
(For E3Z)
(For E3S-R)
20
16
25
Four, R3.3
Two, R28
Stainless steel
(SUS 304)
44±0.2
Two, M6
30
°
30
°
25.4
An attached
screw
8.2
E3S-R
8
24
34
48
56
16
2
61
38.5
(A)*
* Mounting Bracket can be attached to side (A)
Mounting Holes
E39-L98


Similar Part No. - E39-L86

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L86 OMRON-E39-L86 Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
E39-L86 OMRON-E39-L86 Datasheet
1Mb / 19P
   Mounting Brackets
More results

Similar Description - E39-L86

ManufacturerPart #DatasheetDescription
logo
SICK AG
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
   Mounting brackets
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
   Mounting brackets
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
   Mounting Brackets
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
   SLIMCAB SERIES MOUNTING BRACKETS
logo
SICK AG
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
   Mounting brackets and plates
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
   Mounting brackets and plates
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
   Mounting brackets and plates
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
   Panduct Snap-Clip Mounting Brackets
logo
Ohmite Mfg. Co.
18-100 OHMITE-18-100 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
logo
Heyco.
1025 HEYCO-1025 Datasheet
102Kb / 1P
   Heyco-Flex™Mounting Brackets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com