Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM188EM-33VCW Datasheet(PDF) 4 Page - InnovASIC, Inc

Part # AM188EM-33VCW
Description  8-Bit/16-Bit Microcontrollers
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

AM188EM-33VCW Datasheet(HTML) 4 Page - InnovASIC, Inc

  AM188EM-33VCW Datasheet HTML 1Page - InnovASIC, Inc AM188EM-33VCW Datasheet HTML 2Page - InnovASIC, Inc AM188EM-33VCW Datasheet HTML 3Page - InnovASIC, Inc AM188EM-33VCW Datasheet HTML 4Page - InnovASIC, Inc AM188EM-33VCW Datasheet HTML 5Page - InnovASIC, Inc AM188EM-33VCW Datasheet HTML 6Page - InnovASIC, Inc AM188EM-33VCW Datasheet HTML 7Page - InnovASIC, Inc AM188EM-33VCW Datasheet HTML 8Page - InnovASIC, Inc AM188EM-33VCW Datasheet HTML 9Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 146 page
background image
IA186EM/IA188EM
Data Sheet
8-Bit/16-Bit Microcontrollers
February 25, 2011
IA211050831-19
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 4 of 146
1-888-824-4184
®
2.2.18 int2/inta0_n/pio31—Maskable Interrupt Request 2 (asynchronous
input)/Interrupt Acknowledge 0 (synchronous output) ..................................34
2.2.19 int3/inta1_n/irq—Maskable Interrupt Request 3 (asynchronous
input)/Interrupt Acknowledge 1 (synchronous output)/Interrupt
Acknowledge (synchronous output) ...............................................................34
2.2.20 int4/pio30—Maskable Interrupt Request 4 (asynchronous input)..................34
2.2.21 lcs_n/once0_n—Lower Memory Chip Select (synchronous output
with internal pull-up)/ONCE Mode Request (input) ......................................35
2.2.22 mcs2_n—mcs0_n (no pio, pio15, pio 14)—Midrange Memory Chip
Selects (synchronous outputs with internal pull-up) ......................................35
2.2.23 mcs3_n/rfsh_n (pio25)—Midrange Memory Chip Select
(synchronous output with internal pull-up)/Automatic Refresh
(synchronous output) ......................................................................................35
2.2.24 nmi—Nonmaskable Interrupt (synchronous edge-sensitive input) ................35
2.2.25 pcs3_n–pcs0_n (pio19–pio16)—Peripheral Chip Selects 3–0
(synchronous outputs).....................................................................................36
2.2.26 pcs5_n/a1—Peripheral Chip Select 5 (synchronous output)/Latched
Address Bit 1 (synchronous output) ...............................................................36
2.2.27 pcs6_n/a2—Peripheral Chip Select 6 (synchronous output)/latched
Address Bit 2 (synchronous output) ...............................................................36
2.2.28 pio31–pio0—Programmable I/O Pins (asynchronous input/output
open-drain)......................................................................................................37
2.2.29 rd_n—Read strobe (synchronous output with tristate) ...................................37
2.2.30 res_n—Reset (asynchronous level-sensitive input)........................................37
2.2.31 rfsh2_n/aden_n (IA188EM)—Refresh 2 (synchronous output with
tristate)/Address Enable (input with internal pull-up) ....................................37
2.2.32 rxd/pio28—Receive Data (asynchronous input) ............................................37
2.2.33 s2_n–s0_n—Bus Cycle Status (synchronous outputs with tristate) ...............38
2.2.34 s6/clkdiv2_n/pio29—Bus Cycle Status Bit 6 (synchronous
output)/Clock Divide by 2 (input with internal pull-up) ................................38
2.2.35 sclk—Serial Clock (synchronous outputs with tristate) .................................38
2.2.36 sdata—Serial Data (synchronous inout) .........................................................39
2.2.37 sden1–sden0—Serial Data Enables (synchronous outputs with
tristate) ............................................................................................................39
2.2.38 srdy/pio6—Synchronous Ready (synchronous level-sensitive input) ............39
2.2.39 tmrin0/pio11—Timer Input 0 (synchronous edge-sensitive input) ................39
2.2.40 tmrin1/pio0—Timer Input 1 (synchronous edge-sensitive input) ..................39
2.2.41 tmrout0/pio10—Timer Output 0 (synchronous output) .................................39
2.2.42 tmrout1/pio1—Timer Output 1 (synchronous output) ...................................39
2.2.43 txd/pio22—Transmit Data (asynchronous output) .........................................39
2.2.44 ucs_n/once1_n—Upper Memory Chip Select (synchronous
output)/ONCE Mode Request 1 (input with internal pull-up)........................40
2.2.45 uzi_n/pio26—Upper Zero Indicate (synchronous output)..............................40


Similar Part No. - AM188EM-33VCW

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
AM188EM-33VC ROCHESTER-AM188EM-33VC Datasheet
2Mb / 1P
   EMBEDDED STORAGE PRODUCT used in everyday office applications 16-Bit Microcontroller
logo
Advanced Micro Devices
AM188EM-33VC/W AMD-AM188EM-33VC/W Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
More results

Similar Description - AM188EM-33VCW

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com