Selected language     English  ▼


J-7-V3 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part No. J-7-V3
Description  Ultra Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

   
 6 page
background image
J
J
Accessories (Sold Separately)
Model
JAL
OF max.
1.95 N {199 gf}
RF min.
{g }
0.54 N {56 gf}
PT max.
5.2 mm
(reference value)
OT min.
(reference value)
0.3 mm
OT min.
MD max.
0.3 mm
0.8 mm
FP max.
13.1 mm
OP
8.7
±0.8 mm
Model
JAL2
OF max.
1.95 N {199 gf}
RF min.
{g }
0.54 N {56 gf}
PT max.
3.6 mm
(reference value)
OT min.
(reference value)
0.3 mm
OT min.
MD max.
0.3 mm
0.8 mm
FP max.
19.5 mm
OP
15.1
±0.8 mm
Precautions
Refer to pages 26 to 31 for common precautions.
Correct Use
Mounting
Use two M2.3 screws with plain washers or spring washers to se-
curely mount the Switch. Tighten the screws to a torque of 0.19 to
0.29 N
S m {2 to 3 kgf S cm}.
Soldering
To solder the lead to the terminal, apply a soldering iron rated at
30 W max. quickly (within 3 seconds) with the actuator at the free
position.
Applying a soldering iron for too long a time or using one that is rated
at more than 30 W may degrade the Switch characteristics.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527
Actuators
Leaf Spring
JAL
Note:
1.
Stainless-steel spring lever
2.
J-7 Subminiature Basic Switch
Two, M2.3
× 10
t = 0.3
(see note 1)
8.3
OP
FP
5.2
2.3
4.8
4.8
±0.1
13.6
3.6
3
5.6
see note 2
Insulating separator
A
JAL2
Two, M2.3
× 10
4.8 dia.
× 27
(see note 1)
OP
FP
5.2
2.3
4.8
4.8
±0.1
13.6
3
5.6
see note 2
Insulating separator
6.3
Note:
1.
Stainless-steel spring lever
2.
J-7 Subminiature Basic Switch
A




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl