Selected language     English  ▼


J-7- Datasheet(PDF) 2 Page - Omron Electronics LLC

Part No. J-7-
Description  Ultra Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

   
 2 page
background image
J
J
204
Specifications
Ratings
Rated voltage
Resistive load
125 VAC
7 A
250 VAC
7 A
Note:
The ratings values apply under the following test conditions:
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%
Operating frequency: 30 operations/min
Switching Capacity per Load (Reference Values)
Voltage
Non-inductive load
Inductive load
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
7 A
1.5 A
0.7 A
4 A
2.5 A
1.3 A
250 VAC
7 A
1.5 A
0.7 A
4 A
2.5 A
1.3 A
8 VDC
7 A
1.5 A
0.7 A
3 A
2.5 A
1.3 A
14 VDC
7 A
1.5 A
0.7 A
3 A
2.5 A
1.3 A
30 VDC
5 A
1.5 A
0.7 A
3 A
2.5 A
1.3 A
125 VDC
0.4 A
0.4 A
0.4 A
0.03 A
0.03 A
0.03 A
250 VDC
0.2 A
0.2 A
0.2 A
0.02 A
0.02 A
0.02 A
Note:
1. The above values are for the steady-state current.
2. Inductive load has a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC).
3. Lamp load has an inrush current of 10 times the steady-state current.
4. Motor load has an inrush current of 6 times the steady-state current.
Characteristics
Operating speed
0.05 mm to 1 m/s (pin plunger models)
Operating frequency
Mechanical: 400 operations/min max.
Electrical:
30 operations/min max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance (initial value)
15 m
Ω max.
Dielectric strength
600 VAC, 50/60 Hz for 1 min between terminals of the same polarity
1,500 VAC, 50/60 Hz for 1 min between each terminal and non-current-carrying metal part and
between current-carrying metal part and ground.
Vibration resistance (see note 2)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance (see note 2, 3)
Destruction: 1,000 m/s2 {approx. 100G} max.
Malfunction: 200 m/s2 {approx. 20G} max. (pin plunger models)
Durability (see note 4)
Mechanical: 10,000,000 operations min. (60 operations/min)
Electrical:
50,000 operations min. (30 operations/min)
Degree of protection
IEC IP40
Degree of protection against
electric shock
Class I
Proof tracking index (PTI)
175
Ambient operating temperature
–10
°C to 80°C (at ambient humidity of 60% max.) (with no icing)
Ambient operating humidity
85% max. (for 5
°C to 35°C)
Weight
Approx. 1 g (pin plunger models)
Note:
1. The data given above are initial values.
2. Malfunction: 1 ms max.
3. For the pin plunger models, the values are at the free position and total travel position. For the lever models, they are at the total
travel position.
4. For testing conditions, consult your OMRON sales representative.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl